Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5025AID Datasheet (PDF) - Texas Instruments

REF5025AID Datasheet PDF - Texas Instruments
Part # REF5025AID
Download  REF5025AID Download
File Size   4934.29 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference

REF5025AID Datasheet (PDF)

Go To PDF Page Download Datasheet
REF5025AID Datasheet PDF - Texas Instruments

Part # REF5025AID
Download  REF5025AID Click to download

File Size   4934.29 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference

REF5025AID Datasheet (HTML) - Texas Instruments


REF5025AID Product details

1 Features
• Low temperature drift (maximum):
– Enhanced-grade (new): 2.5ppm/°C
– High-grade: 3ppm/°C
– Standard-grade: 8ppm/°C
• High accuracy (maximum):
– Enhanced-grade: 0.025%
– High-grade: 0.05%
– Standard-grade: 0.1%
• Low noise:
– Enhanced-grade: 0.5μVPP/V
– High/standard-grade: 3μVPP/V
• Excellent long-term stability:
– 22ppm after first 1000 hours (SOIC-8)
– 50ppm after first 1000 hours (VSSOP-8)
• Wide input voltage support:
– Enhanced-grade: 42V
– High/standard-grade: 18V
• High-output current: ±10mA
• Temperature range: -40°C to 125°C

2 Applications
• Precision data acquisition systems
• Semiconductor test equipment
• Industrial process controls
• Medical instrumentation
• Pressure and temperature transmitters
• Lab and field instrumentation

3 Description
The REF50xx is a family of low-noise, low-drift, very
high precision voltage references. The references are
capable of both sinking and sourcing current, and
have excellent line and load regulation.
Achieve excellent temperature drift (2.5ppm/°C) and
high accuracy (0.025%) using proprietary design
techniques. These features, combined with very
low flicker noise (0.5μVPP/V), make the REF50xx
family an excellent choice for use in high-precision
data acquisition systems. REF50 family is available
in enhanced grade (REF50xxEI), high grade
(REF50xxI), and standard grade (REF50xxAI). The
reference voltages are offered in 8-pin SOIC and
VSSOP packages and are specified from –40°C to
125°C.
For detailed comparison across various grades, refer
to Table 4-2.




Similar Part No. - REF5025AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5025AID BURR-BROWN-REF5025AID Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5025AID BURR-BROWN-REF5025AID Datasheet
610Kb / 18P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5025AID TI-REF5025AID Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5025AID TI-REF5025AID Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision OLTAGE REFERENCE
REF5025AID TI-REF5025AID Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision OLTAGE REFERENCE
More results


Similar Description - REF5025AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com