Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54AHC74 Datasheet (PDF) - Texas Instruments

SN54AHC74 Datasheet PDF - Texas Instruments
Part # SN54AHC74
Download  SN54AHC74 Download
File Size   4171.53 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4AHC74 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset

SN54AHC74 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54AHC74 Datasheet PDF - Texas Instruments

Part # SN54AHC74
Download  SN54AHC74 Click to download

File Size   4171.53 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4AHC74 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset

SN54AHC74 Datasheet (HTML) - Texas Instruments


SN54AHC74 Product details

1 Features
• Operating range 2V to 5.5V VCC
• Latch-up performance exceeds 250mA per JESD
17
• ESD protection exceeds JESD 22
– 2000V Human-Body Model (A114-A)
– 200V Machine Model (A115-A)
– 1000V Charged-Device Model (C101)

2 Applications
• Convert a momentary switch to a toggle switch
• Hold a signal during controller reset
• Input slow edge-rate signals
• Operate in noisy environments
• Divide a clock signal by two

3 Description
The SNx4AHC74 dual positive-edge-triggered devices
are D-type flip-flops.
A low level at the preset (PRE) or clear (CLR) inputs
sets or resets the outputs, regardless of the levels
of the other inputs. When PRE and CLR are inactive
(high), data at the data (D) input meeting the setup
time requirements is transferred to the outputs on
the positive-going edge of the clock pulse. Clock
triggering occurs at a voltage level and is not directly
related to the rise time of the clock pulse. Following
the hold-time interval, data at the D input can be
changed without affecting the levels at the outputs.




Similar Part No. - SN54AHC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74 Datasheet
891Kb / 21P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI1-SN54AHC74 Datasheet
1Mb / 27P
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
SN54AHC74 TI-SN54AHC74 Datasheet
3Mb / 42P
SNx4AHC74 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
REVISED JUNE 2023
SN54AHC74 TI2-SN54AHC74 Datasheet
229Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
JUNE 2003
More results


Similar Description - SN54AHC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
logo
Texas Instruments
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI1-SN54AHC74_15 Datasheet
1Mb / 27P
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
SN54AHC74 TI-SN54AHC74_V01 Datasheet
3Mb / 42P
SNx4AHC74 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com