Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EPTR Datasheet (PDF) - STMicroelectronics

L99DZ80EPTR Datasheet PDF - STMicroelectronics
Part # L99DZ80EPTR
Download  L99DZ80EPTR Download
File Size   1571.77 Kbytes
Page   68 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive door actuator driver

L99DZ80EPTR Datasheet (PDF)

Go To PDF Page Download Datasheet
L99DZ80EPTR Datasheet PDF - STMicroelectronics

Part # L99DZ80EPTR
Download  L99DZ80EPTR Click to download

File Size   1571.77 Kbytes
Page   68 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive door actuator driver

L99DZ80EPTR Datasheet (HTML) - STMicroelectronics


L99DZ80EPTR Product details

Features
 AEC-Q100 qualified
 One full bridge for 6 A load (RON = 150 m)
 Two half bridges for 3 A load (RON = 300 m)
 Two half bridges for 0.5 A load
(RON = 1600 m)
 One high-side driver for 5 A load
(RON = 100 m)
 One configurable high-side driver for up to
1.5 A (RON = 500 m) or 0.35 A
(RON = 1600 m) load
 One configurable high-side driver for 0.7 A
(RON = 800 m) or 0.35 A (RON = 1600 m)
load
 Two high-side drivers for 0.5 A load
(RON = 1600 m)
 Programmable softstart function to drive loads
with higher inrush currents as current limitation
value
 Very low VS current consumption in standby
mode (IS < 6 μA typ; Tj  85 °C)
 Current monitor output for all high-side drivers
 Central two-stage charge pump
 Motor bridge driver with full Rdson down to 6 V
 Device contains temperature warning and
protection
 Open-load detection for all outputs
 Overcurrent protection for all outputs
 Separated half bridges for door lock motor
 Programmable PWM control of all outputs
 STM standard serial peripheral interface (STSPI
3.1)
 Control block for electrochromic element
 Electrochromic element can be negatively
discharged
 Prepared for additional fail-safe path for
H-bridge




Similar Part No. - L99DZ80EPTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99DZ80EP STMICROELECTRONICS-L99DZ80EP Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results


Similar Description - L99DZ80EPTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9950 STMICROELECTRONICS-L9950_09 Datasheet
626Kb / 39P
Door actuator driver
09-Jun-2009
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
Door actuator driver
22-Sep-2013
L9953LXP STMICROELECTRONICS-L9953LXP Datasheet
363Kb / 35P
Door actuator driver
19-Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com