Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKFPL24 Datasheet (PDF) - PANDUIT CORP.

NKFPL24 Datasheet PDF - PANDUIT CORP.
Part # NKFPL24
Download  NKFPL24 Download
File Size   531.86 Kbytes
Page   3 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description OUTLETS

NKFPL24 Datasheet (PDF)

Go To PDF Page Download Datasheet
NKFPL24 Datasheet PDF - PANDUIT CORP.

Part # NKFPL24
Download  NKFPL24 Click to download

File Size   531.86 Kbytes
Page   3 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description OUTLETS

NKFPL24 Datasheet (HTML) - PANDUIT CORP.


NKFPL24 Product details

DESCRIPTION OF CHANGE: (Required)
Label covers included in select product will change to a matte finish and will replace the glossy finish. Changes will begin at the end of February, during the transition period there is the possibility of receiving some parts with matte covers and some with glossy covers. The matte label cover is not noticeable after installation. A list of affected part numbers is included.




Similar Part No. - NKFPL24

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
NKFP24Y PANDUIT-NKFP24Y Datasheet
106Kb / 1P
NETKEY 24 PORT MODULAR FACEPLATE PATCH PANEL
NKFP48Y PANDUIT-NKFP48Y Datasheet
115Kb / 1P
NETKEY 48 PORT MODULAR FACEPLATE PATCH PANEL
More results


Similar Description - NKFPL24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K2946ALM ETC2-K2946ALM Datasheet
273Kb / 3P
Metalclad Plus??Socket Outlets
L630FI ETC2-L630FI Datasheet
156Kb / 3P
Turnlok Locking Devices Flanged Inlets Outlets
PV1000HF ETC2-PV1000HF Datasheet
532Kb / 4P
PowerVerter짰 1000W Compact Inverter with 4 Outlets
PV1800HF ETC2-PV1800HF Datasheet
519Kb / 4P
PowerVerter짰 1800W Compact Inverter with 4 Outlets
logo
Shenzhen Huazhimei Semi...
HM6600 HMSEMI-HM6600 Datasheet
377Kb / 7P
Wall-Adapter/Power Plugs, Outlets
logo
Schneider Electric
PH8 SCHNEIDER-PH8 Datasheet
62Kb / 2P
APC Home Office SurgeArrest 8 Outlets, 120V
Apr 8, 2020
BE425M SCHNEIDER-BE425M Datasheet
76Kb / 2P
APC Back-UPS, 6 Outlets, 425VA, 120V
logo
TP-Link Technologies Co...
HS107 TP-LINK-HS107 Datasheet
1Mb / 5P
Kasa Smart Wi-Fi Plug 2-Outlets
logo
Schurter Inc.
BC320 SCHURTER-BC320 Datasheet
118Kb / 1P
Blind cover for appliance outlets
BC320 SCHURTER-BC320_V01 Datasheet
118Kb / 1P
Blind cover for appliance outlets
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com