Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC157 Datasheet (PDF) - Texas Instruments

SN54HC157 Datasheet PDF - Texas Instruments
Part # SN54HC157
Download  SN54HC157 Download
File Size   1927.63 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4HC157 Quadruple 2-Line to 1-Line Data Selectors/Multiplexers

SN54HC157 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC157 Datasheet PDF - Texas Instruments

Part # SN54HC157
Download  SN54HC157 Click to download

File Size   1927.63 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4HC157 Quadruple 2-Line to 1-Line Data Selectors/Multiplexers

SN54HC157 Datasheet (HTML) - Texas Instruments


SN54HC157 Product details

1 Features
• Wide operating voltage range of 2V to 6V
• Outputs can drive up to 15 LSTTL loads
• Low power consumption, 80μA max ICC
• Typical tpd = 11ns
• ±6mA output drive at 5V
• Low input current of 1μA max

2 Description
The SNx4HC157 contains four data selectors/
multiplexers to select one of two data sources. All
channels are controlled by the same address select
(A/B) input, and strobe (G) input. A high level at the
strobe terminal forces all outputs low.




Similar Part No. - SN54HC157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC157 TI-SN54HC157 Datasheet
515Kb / 15P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC157 TI1-SN54HC157 Datasheet
1Mb / 21P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC157-SP TI1-SN54HC157-SP Datasheet
1Mb / 21P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC157FK TI-SN54HC157FK Datasheet
515Kb / 15P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC157J TI-SN54HC157J Datasheet
515Kb / 15P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Similar Description - SN54HC157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC158 TI-SN54AHC158 Datasheet
116Kb / 7P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com