Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC393 Datasheet (PDF) - Texas Instruments

SN54HC393 Datasheet PDF - Texas Instruments
Part # SN54HC393
Download  SN54HC393 Download
File Size   2461.8 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4HC393 Dual 4-Bit Binary Counters

SN54HC393 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC393 Datasheet PDF - Texas Instruments

Part # SN54HC393
Download  SN54HC393 Click to download

File Size   2461.8 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4HC393 Dual 4-Bit Binary Counters

SN54HC393 Datasheet (HTML) - Texas Instruments


SN54HC393 Product details

1 Features
• Wide operating voltage range of 2V to 6V
• Outputs can drive up to 10 LSTTL loads
• Low power consumption: 80μA max ICC
• Typical tpd = 13ns
• ±4mA output drive at 5V
• Low input current of 1μA max
• Dual 4-bit binary counters with individual clocks
• Direct clear for each 4-bit counter
• Can significantly improve system densities by
reducing counter package count by 50%

2 Description
The ’HC393 devices contain eight flip-flops and
additional gating to implement two individual 4-bit
counters in a single package.




Similar Part No. - SN54HC393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC393 TI-SN54HC393 Datasheet
542Kb / 17P
DUAL 4-BIT BINARY COUNTERS
SN54HC393 TI-SN54HC393 Datasheet
612Kb / 21P
DUAL 4-BIT BINARY COUNTERS
SN54HC393 TI1-SN54HC393 Datasheet
1Mb / 22P
DUAL 4-BIT BINARY COUNTERS
SN54HC393 TI-SN54HC393 Datasheet
1Mb / 32P
DUAL 4-BIT BINARY COUNTERS
JULY 2003
SN54HC393FK TI-SN54HC393FK Datasheet
542Kb / 17P
DUAL 4-BIT BINARY COUNTERS
More results


Similar Description - SN54HC393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC393 TI-SN54HC393 Datasheet
542Kb / 17P
DUAL 4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC393 HITACHI-HD74HC393 Datasheet
47Kb / 9P
Dual 4-bit Binary Counters
HD74LV393A HITACHI-HD74LV393A Datasheet
64Kb / 15P
Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A Datasheet
367Kb / 14P
DUAL 4-BIT BINARY COUNTERS
SN54HC393 TI-SN54HC393_07 Datasheet
612Kb / 21P
DUAL 4-BIT BINARY COUNTERS
SN54LV393A TI-SN54LV393A_07 Datasheet
525Kb / 18P
DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LV393A RENESAS-HD74LV393A Datasheet
85Kb / 11P
Dual 4-bit Binary Counters
HD74LS393 RENESAS-HD74LS393 Datasheet
69Kb / 7P
Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
Dual 4-bit Binary Counters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com