Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVC138A Datasheet (PDF) - Texas Instruments

SN54LVC138A Datasheet PDF - Texas Instruments
Part # SN54LVC138A
Download  SN54LVC138A Download
File Size   2106.99 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC138A 3-Line to 8-Line Decoders Demultiplexers

SN54LVC138A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LVC138A Datasheet PDF - Texas Instruments

Part # SN54LVC138A
Download  SN54LVC138A Click to download

File Size   2106.99 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC138A 3-Line to 8-Line Decoders Demultiplexers

SN54LVC138A Datasheet (HTML) - Texas Instruments


SN54LVC138A Product details

1 Features
1• Operate From 1.65 V to 3.6 V
• Inputs Accept Voltages to 5.5 V
• Max tpd of 5.8 ns at 3.3 V
• Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
• Latch-Up Performance Exceeds 250 mA Per
JESD 17

2 Applications
• LED Displays
• Servers
• White Goods
• Power Infrastructure
• Building Automation
• Factory Automation

3 Description
The SN74LVC138A devices are designed for highperformance
memory-decoding or data-routing
applications requiring very short propagation delay
times. In high-performance memory systems, these
decoders minimize the effects of system decoding.
When employed with high-speed memories using a
fast enable circuit, delay times of these decoders and
the enable time of the memory usually are less than
the typical access time of the memory. This means
that the effective system delay introduced by the
decoders is negligible.




Similar Part No. - SN54LVC138A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC138A TI-SN54LVC138A Datasheet
144Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A Datasheet
948Kb / 24P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A Datasheet
821Kb / 25P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A Datasheet
1Mb / 34P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI2-SN54LVC138A Datasheet
390Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
REVISED FEBRUARY 2008
More results


Similar Description - SN54LVC138A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com