Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVC540A Datasheet (PDF) - Texas Instruments

SN54LVC540A Datasheet PDF - Texas Instruments
Part # SN54LVC540A
Download  SN54LVC540A Download
File Size   960.25 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4LVC540A Octal Buffers/Drivers with 3-State Outputs

SN54LVC540A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LVC540A Datasheet PDF - Texas Instruments

Part # SN54LVC540A
Download  SN54LVC540A Click to download

File Size   960.25 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4LVC540A Octal Buffers/Drivers with 3-State Outputs

SN54LVC540A Datasheet (HTML) - Texas Instruments


SN54LVC540A Product details

1 Features
1• Operate From 1.65 V to 3.6 V
• Inputs Accept Voltages to 5.5 V
• Max tpd of 5.3 ns at 3.3 V
• Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
> 2 V at V CC = 3.3 V, TA = 25°C
• Support Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With 3.3-V VCC)
• Ioff Supports Live Insertion, Partial Power Down
Mode, and Back Drive Protection
• Latch-Up Performance Exceeds 250 mA Per
JESD 17
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 1000-V Charged-Device Model (C101)
• On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.

2 Applications
• Handset: Smartphone
• Network Switch
• Health and Fitness; Wearables

3 Description
The SN54LVC540A octal buffer/driver is designed for
2.7-V to 3.6-V VCC operation, and the SN74LVC540A
octal buffer/driver is designed for 1.65-V to 3.6-V VCC
operation.




Similar Part No. - SN54LVC540A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC540A TI-SN54LVC540A Datasheet
124Kb / 9P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVC540A TI-SN54LVC540A Datasheet
451Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVC540A TI1-SN54LVC540A Datasheet
1Mb / 26P
Octal Buffers/Drivers with 3-State Outputs
SN54LVC540A TI2-SN54LVC540A Datasheet
959Kb / 29P
SNx4LVC540A Octal Buffers/Drivers with 3-State Outputs
REVISED JUNE 2014
SN54LVC540A TI2-SN54LVC540A Datasheet
1Mb / 32P
SNx4LVC540A Octal Buffers/Drivers with 3-State Outputs
REVISED JUNE 2014
More results


Similar Description - SN54LVC540A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com