Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVC646A Datasheet (PDF) - Texas Instruments

SN54LVC646A Datasheet PDF - Texas Instruments
Part # SN54LVC646A
Download  SN54LVC646A Download
File Size   470.33 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS

SN54LVC646A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LVC646A Datasheet PDF - Texas Instruments

Part # SN54LVC646A
Download  SN54LVC646A Click to download

File Size   470.33 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS

SN54LVC646A Datasheet (HTML) - Texas Instruments


SN54LVC646A Product details

FEATURES
· Operate From 1.65 V to 3.6 V
· Inputs Accept Voltages to 5.5 V
· Max tpd of 7.4 ns at 3.3 V
· Typical V OLP (Output Ground Bounce)
<0.8 at VCC = 3.3 V, TA = 25°C
· Typical V OHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
· Support Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
· Ioff Supports Partial-Power-Down Mode
Operation
· Latch-Up Performance Exceeds 250 mA Per
JESD 17
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
The SN54LVC646A octal bus transceiver and register is designed for 2.7-V to 3.6-V VCC operation, and the
SN74LVC646A octal bus transceiver and register is designed for 1.65-V to 3.6-V VCC operation.




Similar Part No. - SN54LVC646A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI2-SN54LVC646A Datasheet
469Kb / 21P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED AUGUST 2005
SN54LVC646A-SP TI1-SN54LVC646A-SP Datasheet
159Kb / 10P
RAD-TOLERANT CLASS V OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN54LVC646AFK TI-SN54LVC646AFK Datasheet
197Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI1-SN54LVC646A_16 Datasheet
879Kb / 20P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN54LVC646A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com