Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVC86A Datasheet (PDF) - Texas Instruments

SN54LVC86A Datasheet PDF - Texas Instruments
Part # SN54LVC86A
Download  SN54LVC86A Download
File Size   3517.25 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates

SN54LVC86A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LVC86A Datasheet PDF - Texas Instruments

Part # SN54LVC86A
Download  SN54LVC86A Click to download

File Size   3517.25 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates

SN54LVC86A Datasheet (HTML) - Texas Instruments


SN54LVC86A Product details

1 Features
• Operate from 1.65V to 3.6V
• Specified from –40°C to 85°C,
–40°C to 125°C, and –55°C to 125°C
• Inputs accept voltages to 5.5V
• Max tpd of 4.6ns at 3.3V
• Typical VOLP (output ground bounce)
<0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
>2V at VCC = 3.3V, TA = 25°C
• Latch-up performance exceeds 250 mA per JESD
17
• ESD protection exceeds JESD 22
– 2000V human-body model (A114-A)
– 1000V charged-device model (C101)

2 Applications
• AV receiver
• Audio dock: portable
• Blu-ray player and home theater
• MP3 player or recorder
• Personal digital assistant (PDA)
• Power: telecom/server AC/DC supply: single
controller: analog and digital
• Solid state drive (SSD): client and enterprise
• TV: LCD, digital, and high-definition (HDTV)
• Tablet: enterprise
• Video analytics: server
• Wireless headset, keyboard, and mouse

3 Description
The SN54LVC86A quadruple 2-input exclusive-OR
gate is designed for 2.7V to 3.6V VCC operation,
and the SN74LVC86A quadruple 2-input exclusive-
OR gate is designed for 1.65V to 3.6V VCC operation.




Similar Part No. - SN54LVC86A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI1-SN54LVC86A Datasheet
2Mb / 36P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
MAY 2024
SN54LVC86A TI1-SN54LVC86A Datasheet
1Mb / 22P
SN74LVC86A-Q1 Automotive Quadruple 2-Input Exclusive-OR Gate
MAY 2024
SN54LVC86A TI1-SN54LVC86A_V01 Datasheet
2Mb / 36P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
MAY 2024
More results


Similar Description - SN54LVC86A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
List of Unclassifed Man...
GD54LS86 ETC1-GD54LS86 Datasheet
56Kb / 2P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Texas Instruments
SN54AHC86 TI-SN54AHC86_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com