Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65HVD251 Datasheet (PDF) - Texas Instruments

SN65HVD251 Datasheet PDF - Texas Instruments
Part # SN65HVD251
Download  SN65HVD251 Download
File Size   1138.22 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx5HVD251 Industrial CAN Bus Transceiver

SN65HVD251 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD251 Datasheet PDF - Texas Instruments

Part # SN65HVD251
Download  SN65HVD251 Click to download

File Size   1138.22 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx5HVD251 Industrial CAN Bus Transceiver

SN65HVD251 Datasheet (HTML) - Texas Instruments


SN65HVD251 Product details

1 Features
1• Drop-In Improved Replacement for the
PCA82C250 and PCA82C251
• Bus-Fault Protection of ±36 V
• Meets or Exceeds ISO 11898
• Signaling Rates(1) up to 1 Mbps
• High Input Impedance Allows up to 120 Nodes on
a Bus
• Bus Pin ESD Protection Exceeds 14 kV HBM
• Unpowered Node Does Not Disturb the Bus
• Low-Current Standby Mode: 200-μA Typical
• Thermal Shutdown Protection
• Glitch-Free Power-Up and Power-Down CAN Bus
Protection for Hot-Plugging
• DeviceNet Vendor ID #806
(1) The signaling rate of a line is the number of voltage
transitions that are made per second expressed in bps (bits
per second).

2 Applications
• CAN Data Buses
• Industrial Automation
• SAE J1939 Standard Data Bus Interface
• NMEA 2000 Standard Data Bus Interface

3 Description
The HVD251 is intended for use in applications
employing the Controller Area Network (CAN) serial
communication physical layer in accordance with the
ISO 11898 Standard. The HVD251 provides
differential transmit capability to the bus and
differential receive capability to a CAN controller at
speeds up to 1 megabits per second (Mbps).
Designed for operation in harsh environments, the
device features cross-wire, overvoltage and loss of
ground protection to ±36 V. Also featured are
overtemperature protection as well as –7-V to 12-V
common-mode range, and tolerance to transients of
±200 V. The transceiver interfaces the single-ended
CAN controller with the differential CAN bus found in industrial, building automation, and automotive
applications.
Rs, pin 8, selects one of three different modes of
operation: high-speed, slope control, or low-power
mode. The high-speed mode of operation is selected
by connecting pin 8 to ground, allowing the
transmitter output transistors to switch as fast as possible with no limitation on the rise and fall slope.
The rise and fall slope can be adjusted by connecting
a resistor to ground at pin 8; the slope is proportional
to the pin's output current. Slope control with an
external resistor value of 10 kΩ gives about 15-V / μs
slew rate; 100 kΩ gives about 2-V/μs slew rate.
If a high logic level is applied to the Rs pin 8, the device enters a low-current standby mode where the
driver is switched off and the receiver remains active.
The local protocol controller returns the device to the
normal mode when it transmits to the bus.




Similar Part No. - SN65HVD251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251 Datasheet
390Kb / 19P
CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251 Datasheet
528Kb / 21P
CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251 Datasheet
557Kb / 21P
CAN TRANSCEIVER
SN65HVD251 TI2-SN65HVD251 Datasheet
507Kb / 22P
CAN TRANSCEIVER
APRIL 2007
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
CAN TRANSCEIVER
More results


Similar Description - SN65HVD251

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9615 STMICROELECTRONICS-L9615 Datasheet
137Kb / 8P
CAN BUS TRANSCEIVER
Feb-1998
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Nov-2000
logo
Analog Devices
ADM3051 AD-ADM3051 Datasheet
271Kb / 16P
High Speed Industrial CAN Transceiver
REV. 0
logo
Texas Instruments
SN55HVD251 TI1-SN55HVD251 Datasheet
927Kb / 27P
INDUSTRIAL CAN TRANSCEIVER
logo
STMicroelectronics
L9616-TR STMICROELECTRONICS-L9616-TR Datasheet
101Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Sep-2013
L9615D013TR STMICROELECTRONICS-L9615D013TR Datasheet
132Kb / 8P
CAN BUS TRANSCEIVER
Sep-2013
logo
Infineon Technologies A...
IFX1051LE INFINEON-IFX1051LE_15 Datasheet
1Mb / 31P
Industrial High Speed CAN-FD Transceiver
Rev. 0.92, 2015-07-28
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com