Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP802 Datasheet (PDF) - Multicomp Pro

CP802 Datasheet PDF - Multicomp Pro
Part # CP802
Download  CP802 Download
File Size   159.07 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Single Phase Bridge Rectifiers CP80 Series

CP802 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP802 Datasheet PDF - Multicomp Pro

Part # CP802
Download  CP802 Click to download

File Size   159.07 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Single Phase Bridge Rectifiers CP80 Series

CP802 Datasheet (HTML) - Multicomp Pro


CP802 Product details

Features:
• High surge current capability
• PCB mounted / screw fixing
• Surge overload rating: 200 A peak
• Low forward voltage drop and reverse leakage
• Small size, simple installation
• Reliable low cost construction utilizing moulded plastic technique




Similar Part No. - CP802

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP802 PANJIT-CP802 Datasheet
59Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP802 TRSYS-CP802 Datasheet
114Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
CP802 ETC2-CP802 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
Central Semiconductor C...
CP802-CWDM3011P CENTRAL-CP802-CWDM3011P Datasheet
733Kb / 4P
P-Channel MOSFET Die Enhancement-Mode
R0 14-April 2020
CP802-CWDM3011P-CM CENTRAL-CP802-CWDM3011P-CM Datasheet
942Kb / 6P
P-Channel MOSFET Die Enhancement-Mode
R1 21-July 2017
More results


Similar Description - CP802

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
Single-Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com