Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65ALS176 Datasheet (PDF) - Texas Instruments

SN65ALS176 Datasheet PDF - Texas Instruments
Part # SN65ALS176
Download  SN65ALS176 Download
File Size   1408.97 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx5ALS176, SN75ALS176A, and SN75ALS176B Differential Bus Transceivers

SN65ALS176 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65ALS176 Datasheet PDF - Texas Instruments

Part # SN65ALS176
Download  SN65ALS176 Click to download

File Size   1408.97 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx5ALS176, SN75ALS176A, and SN75ALS176B Differential Bus Transceivers

SN65ALS176 Datasheet (HTML) - Texas Instruments


SN65ALS176 Product details

1 Features
• Meet or exceed the requirements of TIA/EIA-422-
B,TIA/EIA-485-A1 and ITU recommendations V.11
and X.27
• Operate at data rates up to 35 Mbaud
• Four skew limits available:
– SN65ALS176: 15 ns
– SN75ALS176: 10 ns
– SN75ALS176A: 7.5 ns
– SN75ALS176B: 5 ns
• Designed for multipoint transmission onlong bus
lines in noisy environments
• Low supply-current requirements: 30 mA max
• Wide positive and negative input/output busvoltage
ranges
• Thermal shutdown protection
• Driver positive and negative current limiting
• Receiver input hysteresis
• Glitch-free power-up and power-down protection
• Receiver open-circuit fail-safe design

2 Description
The SN65ALS176 and SN75ALS176 series
differential bus transceivers are designed for
bidirectional data communication on multipoint bus
transmission lines. The devices are designed for
balanced transmission lines and meet TIA/EIA-422-B,
TIA/EIA-485-A, and ITU Recommendations V.11 and
X.27.
The SN65ALS176 and SN75ALS176 series combine
a 3-state, differential line driver and a differential input
line receiver, both of which operate from a single 5-
V power supply. The driver and receiver have activehigh
and active-low enables, respectively, that can
be connected together externally to function as a
direction control. The driver differential outputs and
the receiver differential inputs are connected internally
to form a differential input/output (I/O) bus port that
is designed to offer minimum loading to the bus
when the driver is disabled or VCC = 0. This port
features wide positive and negative common-mode
voltage ranges, making the device suitable for partyline
applications.
The SN65ALS176 is characterized for operation
from –40°C to 85°C. The SN75ALS176 series is
characterized for operation from 0°C to 70°C.





Similar Part No. - SN65ALS176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
320Kb / 19P
DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
486Kb / 22P
DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
515Kb / 22P
DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
802Kb / 29P
DIFFERENTIAL BUS TRANSCEIVERS
More results


Similar Description - SN65ALS176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI1-SN55LBC176_16 Datasheet
1,007Kb / 26P
DIFFERENTIAL BUS TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com