Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65LBC175 Datasheet (PDF) - Texas Instruments

SN65LBC175 Datasheet PDF - Texas Instruments
Part # SN65LBC175
Download  SN65LBC175 Download
File Size   1814.44 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65LBC175, SN75LBC175 Quadruple Low-Power Differential Line Receivers

SN65LBC175 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LBC175 Datasheet PDF - Texas Instruments

Part # SN65LBC175
Download  SN65LBC175 Click to download

File Size   1814.44 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65LBC175, SN75LBC175 Quadruple Low-Power Differential Line Receivers

SN65LBC175 Datasheet (HTML) - Texas Instruments


SN65LBC175 Product details

1 Features
• Meets or exceeds the EIA standards RS-422-A,
RS-423-A, RS-485, and CCITT recommendation
V.11
• Designed to operate with pulse durations as short
as 20 ns
• Designed for multipoint transmission on long bus
lines in noisy environments
• Input sensitivity: ±200 mV
• Low-power consumption: 20 mA maximum
• Open-circuit fail-safe design
• Common-mode input voltage range of −7 V to 12 V
• Pin compatible with SN75175 and LTC489

2 Applications
• Factory automation
• ATM and cash counters
• Smart grid
• AC and servo motor drives

3 Description
The SN65LBC175 and SN75LBC175 are monolithic,
quadruple, differential line receivers with 3-state
outputs designed to meet the requirements of the EIA
standards RS-422-A, RS-423-A, RS-485, and CCITT
Recommendation V.11. The devices are optimized for
balanced multipoint bus transmission at data rates
up to and exceeding 10 million bits per second. The
receivers are enabled in pairs, with an active-high
enable input. Each differential receiver input features
high impedance, hysteresis for increased noise
immunity, and sensitivity of ±200 mV over a commonmode
input voltage range of 12 V to −7 V. The failsafe
design ensures that when the inputs are opencircuited,
the outputs are always high. Both devices
are designed using the TI proprietary LinBiCMOS™
technology allowing low power consumption, high
switching speeds, and robustness.
These devices offer optimum performance when used
with the SN75LBC172 or SN75LBC174 quadruple
line drivers. The SN65LBC175 is available in the
16-pin DIP (N), small-outline package (D), and the
wide small-outline package (DW). The SN75LBC175
is available in the 16-pin DIP (N) and the small-outline
package (D).
The SN65LBC175 is characterized over the
industrial temperature range of −40°C to 85°C. The
SN75LBC175 is characterized for operation over the
commercial temperature range of 0°C to 70°C.




Similar Part No. - SN65LBC175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC175 TI-SN65LBC175 Datasheet
157Kb / 10P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A Datasheet
474Kb / 16P
QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A Datasheet
535Kb / 16P
QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI1-SN65LBC175A Datasheet
350Kb / 21P
Quadruple RS-485 Differential Line Receiver
More results


Similar Description - SN65LBC175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65LBC173 TI-SN65LBC173 Datasheet
156Kb / 10P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC175 TI-SN65LBC175 Datasheet
157Kb / 10P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65LBC175DW TI1-SN65LBC175DW Datasheet
639Kb / 16P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65LBC173 TI1-SN65LBC173_08 Datasheet
363Kb / 14P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com