Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD040RGZT Datasheet (PDF) - Texas Instruments

SN65MLVD040RGZT Datasheet PDF - Texas Instruments
Part # SN65MLVD040RGZT
Download  SN65MLVD040RGZT Download
File Size   2331.81 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65MLVD040 4-Channel Half-Duplex M-LVDS Line Transceivers

SN65MLVD040RGZT Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65MLVD040RGZT Datasheet PDF - Texas Instruments

Part # SN65MLVD040RGZT
Download  SN65MLVD040RGZT Click to download

File Size   2331.81 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65MLVD040 4-Channel Half-Duplex M-LVDS Line Transceivers

SN65MLVD040RGZT Datasheet (HTML) - Texas Instruments


SN65MLVD040RGZT Product details

1 Features
• Low-Voltage Differential 30Ω to 55Ω Line Drivers
and Receivers for Signaling Rates(1) Up to
250Mbps; Clock Frequencies Up to
125MHz
• Meets or Exceeds the M-LVDS Standard TIA/
EIA-899 for Multipoint Data Interchange
• Controlled Driver Output Voltage Transition Times
for Improved Signal Quality
• –1V to 3.4V Common-Mode Voltage Range Allows
Data Transfer With 2V of Ground Noise
• Bus Pins High Impedance When Driver Disabled
or VCC ≤ 1.5V
• Independent Enables for each Driver and Receiver
• Enhanced ESD Protection: 7kV HBM on all Pins
• 48 pin 7 X 7 QFN (RGZ)
• M-LVDS Bus Power Up/Down Glitch Free

2 Applications
• Parallel Multipoint Data and Clock
Transmission Via Backplanes and Cables
• Low-Power High-Speed Short-Reach Alternative to
TIA/EIA-485
• Cellular Base Stations
• Central-Office Switches
• Network Switches and Routers

3 Description
The SN65MLVD040 provides four half-duplex
transceivers for transmitting and receiving Multipoint-
Low-Voltage Differential Signals in full compliance
with the TIA/EIA-899 (M-LVDS) standard, which
are optimized to operate at signaling rates up to
250Mbps. The driver outputs have been designed to
support multipoint buses presenting loads as low as
30Ω and incorporates controlled transition times to
allow for stubs off of the backplane transmission line.
The M-LVDS standard defines two types of receivers,
designated as Type-1 and Type-2. Type-1 receivers
have thresholds centered about zero with 25mV of
hysteresis to prevent output oscillations with loss
of input; Type-2 receivers implement a failsafe by
using an offset threshold. The xFSEN pins is used
to select the Type-1 and Type-2 receiver for each
of the channels. In addition, the driver rise and fall
times are between 1ns and 2ns, complying with the
M-LVDS standard to provide operation at 250Mbps
while also accommodating stubs on the bus. Receiver
outputs are slew rate controlled to reduce EMI and
crosstalk effects associated with large current surges.
The M-LVDS standard allows for 32 nodes on the bus
providing a high-speed replacement for RS-485 where
lower common-mode can be tolerated or when higher
signaling rates are needed.
The driver logic inputs and the receiver logic outputs
are on separate pins rather than tied together as in
some transceiver designs. The drivers have separate
enables (DE) and so does the receivers ( RE). This
arrangement of separate logic inputs, logic outputs,
and enable pins allows for a listen-while-talking
operation. The devices are characterized for operation
from –40°C to 85°C.




Similar Part No. - SN65MLVD040RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD040RGZT TI1-SN65MLVD040RGZT Datasheet
813Kb / 29P
4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
More results


Similar Description - SN65MLVD040RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
100 MHz Single Channel M-LVDS Transceivers
logo
Texas Instruments
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Analog Devices
UG-361 AD-UG-361 Datasheet
581Kb / 8P
High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
UG-390 AD-UG-390 Datasheet
307Kb / 8P
High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
9/2021-Revision 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com