Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD048 Datasheet (PDF) - Texas Instruments

SN65MLVD048 Datasheet PDF - Texas Instruments
Part # SN65MLVD048
Download  SN65MLVD048 Download
File Size   1965.78 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65MLVD048 Quad Channel M-LVDS Receivers

SN65MLVD048 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65MLVD048 Datasheet PDF - Texas Instruments

Part # SN65MLVD048
Download  SN65MLVD048 Click to download

File Size   1965.78 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65MLVD048 Quad Channel M-LVDS Receivers

SN65MLVD048 Datasheet (HTML) - Texas Instruments


SN65MLVD048 Product details

1 Features
• Low-voltage differential 30Ω to 55Ω line receivers
for signaling rates1 up to 250Mbps; Clock
Frequencies up to 125MHz
• Type-1 receiver incorporates 25mV of input
threshold hysteresis
• Type-2 receiver provides 100mV offset threshold to
detect open-circuit and idle-bus conditions
• Wide receiver input common-mode voltage range,
–1V to 3.4V, allows 2V of ground noise
• Meets or exceeds the M-LVDS standard TIA/
EIA-899 for multipoint topology
• High input impedance when Vcc ≤ 1.5V
• Enhanced ESD Protection: 7kV HBM on all pins
• 48-Pin 7 X 7 QFN (RGZ)

2 Applications
• Parallel multipoint data and clock transmission via
backplanes and cables
• Cellular base stations
• Central office switches
• Network switches and routers

3 Description
The SN65MLVD048 is a quad-channel M-LVDS
receiver. This device is designed in full compliance
with the TIA/EIA-899 (M-LVDS) standard, which
is optimized to operate at signaling rates up to
250Mbps. Each receiver channel is controlled by
a receive enable ( RE). When RE = low, the
corresponding channel is enabled; when RE = high,
the corresponding channel is disabled.
The M-LVDS standard defines two types of receivers,
designated as Type-1 and Type-2. Type-1 receivers
have thresholds centered about zero with 25mV of
hysteresis to prevent output oscillations with loss
of input; Type-2 receivers implement a failsafe by
using an offset threshold. Receiver outputs are slew
rate controlled to reduce EMI and crosstalk effects
associated with large current surges.
The devices are characterized for operation from –
40°C to 85°C.




Similar Part No. - SN65MLVD048

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048 Datasheet
480Kb / 18P
QUAD CHANNEL M-LVDS RECEIVERS
SN65MLVD048 TI-SN65MLVD048 Datasheet
696Kb / 20P
QUAD CHANNEL M-LVDS RECEIVERS
SN65MLVD048RGZR TI-SN65MLVD048RGZR Datasheet
480Kb / 18P
QUAD CHANNEL M-LVDS RECEIVERS
SN65MLVD048RGZR TI-SN65MLVD048RGZR Datasheet
696Kb / 20P
QUAD CHANNEL M-LVDS RECEIVERS
SN65MLVD048RGZT TI-SN65MLVD048RGZT Datasheet
480Kb / 18P
QUAD CHANNEL M-LVDS RECEIVERS
More results


Similar Description - SN65MLVD048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
Quad LVDS Receivers
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
SINGLE M-LVDS RECEIVERS
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
3V LVDS Quad Flow-Through Differential Line Receivers
logo
National Semiconductor ...
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
125 MHz Quad M-LVDS Transceiver
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048 Datasheet
480Kb / 18P
QUAD CHANNEL M-LVDS RECEIVERS
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
Single/Dual LVDS Receivers
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048_1 Datasheet
696Kb / 20P
QUAD CHANNEL M-LVDS RECEIVERS
logo
STMicroelectronics
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
Rad-hard quad LVDS receivers
04-Mar-2015
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
3V LVDS Quad Flow-Through Differential Line Receivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com