Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27057 Datasheet (PDF) - Wiha Tools

27057 Datasheet PDF - Wiha Tools
Part # 27057
Download  27057 Download
File Size   179.35 Kbytes
Page   2 Pages
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools
Description Wiha Fibre-glass-reinforced Folding Rulers.

27057 Datasheet (PDF)

Go To PDF Page Download Datasheet
27057 Datasheet PDF - Wiha Tools

Part # 27057
Download  27057 Click to download

File Size   179.35 Kbytes
Page   2 Pages
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools
Description Wiha Fibre-glass-reinforced Folding Rulers.

27057 Datasheet (HTML) - Wiha Tools


27057 Product details

Product features:
• 30% glass fibre reinforced
polyamide makes all Longlife®
metre rules scratch, weather
and chemical resistant
• Offers several times the tool
life of folding rulers made of
wood. Retains its shape when
it comes into contact with
water!
• Patented, play free joint with
steel spring pin is wear
resistant and maintenance
free
• Usefull 90° snap-in position
• Deep embossed black scale
in 1 mm increments on both
sides of the rule. Every 10 cm
is marked in red for easy
reading
• Reliability over the entire rule
due to the precision of each
individual segment which
lasts the entire tool life
• EU qualification approval for
all metre rules with Swiss
precision




Similar Part No. - 27057

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2705740000 WEIDMULLER-2705740000 Datasheet
136Kb / 2P
U-CREATE-PROCON-WEB-RT-500
November 4, 2021
2705750000 WEIDMULLER-2705750000 Datasheet
136Kb / 2P
U-CREATE-PROCON-WEB-RT-1000
November 4, 2021
2705760000 WEIDMULLER-2705760000 Datasheet
136Kb / 2P
U-CREATE-PROCON-WEB-RT-2000
November 4, 2021
2705770000 WEIDMULLER-2705770000 Datasheet
136Kb / 2P
U-CREATE-PROCON-WEB-RT-5000
November 4, 2021
More results


Similar Description - 27057

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGT01SCM060 ETC2-FGT01SCM060 Datasheet
46Kb / 2P
Photoelectrics Fibre Optics, Glass
KA02 ETC2-KA02 Datasheet
97Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
71322 ETC2-71322 Datasheet
170Kb / 1P
Wiha Sockets
32919 ETC2-32919 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
IT210SM900 ETC2-IT210SM900 Datasheet
2Mb / 27P
Glass Fibre-optic Specifications
logo
FERYSTER Inductive Comp...
PQ40X40-K-1S-12P FERYSTER-PQ40X40-K-1S-12P Datasheet
606Kb / 1P
Sumikon PM9820 (PF), glass-reinforced
PQ50X50-K-1S-12P FERYSTER-PQ50X50-K-1S-12P Datasheet
296Kb / 1P
Sumikon PM9820 (PF), glass-reinforced
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com