Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLS-75 Datasheet (PDF) - Premium PSU

CLS-75 Datasheet PDF - Premium PSU
Part # CLS-75
Download  CLS-75 Download
File Size   2841.64 Kbytes
Page   11 Pages
Manufacturer  PSU [Premium PSU]
Direct Link  https://premiumpsu.com/contact/
Logo PSU - Premium PSU
Description CLS-75

CLS-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLS-75 Datasheet PDF - Premium PSU

Part # CLS-75
Download  CLS-75 Click to download

File Size   2841.64 Kbytes
Page   11 Pages
Manufacturer  PSU [Premium PSU]
Direct Link  https://premiumpsu.com/contact/
Logo PSU - Premium PSU
Description CLS-75

CLS-75 Datasheet (HTML) - Premium PSU


CLS-75 Product details

GENERAL FEATURES
• Fully EN50155 compliant, no external circuits
• Ultra-wide input range 11:1 reduces product
variety
• Excellent efficiency, lowest power loss, full lifetime
• Full power up to +85° without heat sink, no derating
• Active input reverse polarity protection
• Active inrush current limitation - network protection
• 10ms hold-up time over the entire input range
• Reinforced insulation, 6mm air/creepage distances
• Trim-output for long cable runs or battery charging
• Parallel and redundant operation
• 20% Peak load capability to 90W for 10s
• Remote (on/off) and DC OK with open collector
• 2 years warranty




Similar Part No. - CLS-75

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS-10 SUMIDA-CLS-10 Datasheet
36Kb / 1P
General Power Transformer
logo
GREEGOO Electric Co.,Lt...
CLS-101 GREEGOO-CLS-101 Datasheet
1Mb / 3P
CLS Limit switch
CLS-103 GREEGOO-CLS-103 Datasheet
1Mb / 3P
CLS Limit switch
CLS-111 GREEGOO-CLS-111 Datasheet
1Mb / 3P
CLS Limit switch
logo
Sumida Corporation
CLS-12 SUMIDA-CLS-12 Datasheet
128Kb / 1P
General Power Transformer
More results


Similar Description - CLS-75

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA60A-048L-033D025 ASTEC-AA60A-048L-033D025 Datasheet
596Kb / 2P
75 Watts
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
275Kb / 2P
75 Amps
APA18T12-9 ASTEC-APA18T12-9 Datasheet
250Kb / 2P
75 Watts
logo
Sumida Corporation
CLS8D28 SUMIDA-CLS8D28 Datasheet
140Kb / 1P
2 in 1 Power Transformer < SMD Type: CLS Series>
CLS4D28 SUMIDA-CLS4D28 Datasheet
161Kb / 2P
Power Inductor & 2 in 1 Transformer < CLS Series>
CLS62 SUMIDA-CLS62 Datasheet
125Kb / 1P
2 in 1 Power Transformer < SMD Type: CLS Series>
CLS8D28 SUMIDA-CLS8D28_1 Datasheet
42Kb / 2P
Power Inductor & 2 in 1 Transformer < CLS Series>
CLS6D28 SUMIDA-CLS6D28_1 Datasheet
142Kb / 1P
2 in 1 Power Transformer < SMD Type: CLS Series>
logo
Winchester Electronics ...
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
logo
GREEGOO Electric Co.,Lt...
CLS-101 GREEGOO-CLS-101 Datasheet
1Mb / 3P
CLS Limit switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com