Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD200AD Datasheet (PDF) - Texas Instruments

SN65MLVD200AD Datasheet PDF - Texas Instruments
Part # SN65MLVD200AD
Download  SN65MLVD200AD Download
File Size   1524.43 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65MLVD20xx Multipoint-LVDS Line Driver and Receiver

SN65MLVD200AD Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65MLVD200AD Datasheet PDF - Texas Instruments

Part # SN65MLVD200AD
Download  SN65MLVD200AD Click to download

File Size   1524.43 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65MLVD20xx Multipoint-LVDS Line Driver and Receiver

SN65MLVD200AD Datasheet (HTML) - Texas Instruments


SN65MLVD200AD Product details

1 Features
• Low-Voltage Differential 30Ω to 55Ω Line Drivers
and Receivers for Signaling Rates 1 up to
100Mbps, Clock Frequencies up to 50MHz
• Type-1 Receivers Incorporate 25mV of Hysteresis
(SN65MLVD200A, SN65MLVD202A)
• Type-2 Receivers Provide an Offset (100mV)
Threshold to Detect Open-Circuit and Idle-Bus
Conditions (SN65MLVD204A, SN65MLVD205A)
• Meets or Exceeds the M-LVDS Standard
TIA/EIA-899 for Multipoint Data Interchange
• Controlled Driver Output Voltage Transition Times
for Improved Signal Quality
• –1V to 3.4V of Common-Mode Voltage Range
Allows Data Transfer With 2V of Ground Noise
• Bus Pins High Impedance When Disabled
or VCC ≤ 1.5V
• 200Mbps Devices Available (SN65MLVD201,
SN65MLVD203, SN65MLVD206, SN65MLVD207)
• Bus Pin ESD Protection Exceeds 8kV
• Packages Available:
– 8-Pin SOIC
SN65MLVD200A, SN65MLVD204A
– 14-Pin SOIC
SN65MLVD202A, SN65MLVD205A
• Improved Alternatives to the SN65MLVD200,
SN65MLVD202A, SN65MLVD204A, and
SN65MLVD205A Devices

2 Applications
• Low-Power, High-Speed, Short-Reach Alternative
to TIA/EIA-485
• Backplane or Cabled Multipoint Data and Clock
Transmission
• Cellular Base Stations
• Central Office Switches
• Network Switches and Routers

3 Description
The SN65MLVD20xx devices are multipoint lowvoltage
differential (M-LVDS) line drivers and
receivers that are optimized to operate at signaling
rates up to 100 Mbps. All parts comply with the
multipoint low-voltage differential signaling (M-LVDS)
standard TIA/EIA-899.
The SN65MLVD20xx devices have enhancements
over their predecessors. Improved features include
controlled slew rate on the driver output to help
minimize reflections from unterminated stubs, which
results in better signal integrity. Additionally, 8-kV
ESD protection on the bus pins for more robustness.
The same footprint definition was maintained making
for an easy drop-in replacement for a system
performance upgrade.
The devices are characterized for operation from –
40°C to 85°C.




Similar Part No. - SN65MLVD200AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD200AD TI-SN65MLVD200AD Datasheet
547Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200AD TI-SN65MLVD200AD Datasheet
667Kb / 25P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200ADG4 TI-SN65MLVD200ADG4 Datasheet
547Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200ADG4 TI-SN65MLVD200ADG4 Datasheet
667Kb / 25P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200ADG4 TI1-SN65MLVD200ADG4 Datasheet
1Mb / 38P
Multipoint-LVDS Line Driver and Receiver
More results


Similar Description - SN65MLVD200AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
Multipoint-LVDS Line Driver and Receiver
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com