Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AUP1T97DBV Datasheet (PDF) - Texas Instruments

SN74AUP1T97DBV Datasheet PDF - Texas Instruments
Part # SN74AUP1T97DBV
Download  SN74AUP1T97DBV Download
File Size   2294.52 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AUP1T97 Single-Supply Voltage-level Translator With Nine Configurable Gate Logic Functions

SN74AUP1T97DBV Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AUP1T97DBV Datasheet PDF - Texas Instruments

Part # SN74AUP1T97DBV
Download  SN74AUP1T97DBV Click to download

File Size   2294.52 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AUP1T97 Single-Supply Voltage-level Translator With Nine Configurable Gate Logic Functions

SN74AUP1T97DBV Datasheet (HTML) - Texas Instruments


SN74AUP1T97DBV Product details

1 Features
• Available in the Texas Instruments NanoStar™
Packages
• Single-Supply Voltage Translator
• 1.8 V to 3.3 V (at VCC = 3.3 V)
• 2.5 V to 3.3 V (at VCC = 3.3 V)
• 1.8 V to 2.5 V (at VCC = 2.5 V)
• 3.3 V to 2.5 V (at VCC = 2.5 V)
• Nine Configurable Gate Logic Functions
• Schmitt-Trigger Inputs Reject Input Noise and
Provide Better Output Signal Integrity
• Ioff Supports Partial-Power-Down Mode With Low
Leakage Current (0.5 μA)
• Very Low Static and Dynamic Power Consumption
• Pb-Free Packages Available: SON (DRY or DSF),
SOT-23 (DBV), SC-70 (DCK), and NanoStar
WCSP
• Latch-Up Performance Exceeds 100 mA Per JESD
78, Class II
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
• Related Devices: SN74AUP1T98, SN74AUP1T57,
and SN74AUP1T58

2 Description
AUP technology is the industry's lowest-power logic
technology designed for use in battery-operated or
battery backed-up equipment. The SN74AUP1T97 is
designed for logic-level translation applications with
input switching levels that accept 1.8-V LVCMOS
signals, while operating from either a single 3.3-V or
2.5-V VCC supply.
The wide VCC range of 2.3 V to 3.6 V allows the
possibility of battery voltage drop during system
operation and ensures normal operation between this
range.
Schmitt-trigger inputs (ΔVT = 210 mV between
positive and negative input transitions) offer improved
noise immunity during switching transitions, which is
especially useful on analog mixed-mode designs.
Schmitt-trigger inputs reject input noise, ensure
integrity of output signals, and allow for slow input
signal transition.
The SN74AUP1T97 can be easily configured to
perform a required gate function by connecting A, B,
and C inputs to VCC or ground (see Function
Selection table). Up to nine commonly used logic gate
functions can be performed.
Ioff is a feature that allows for powered-down
conditions (VCC = 0 V) and is important in portable
and mobile applications. When VCC = 0 V, signals in
the range from 0 V to 3.6 V can be applied to the
inputs and outputs of the device. No damage occurs
to the device under these conditions.
The SN74AUP1T97 is designed with optimized
current-drive capability of 4 mA to reduce line
reflections, overshoot, and undershoot caused by
high-drive outputs.
NanoStar package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.




Similar Part No. - SN74AUP1T97DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T97DBVR TI-SN74AUP1T97DBVR Datasheet
333Kb / 15P
SINGLE SUPPLY VOLTAGE LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNTIONS
SN74AUP1T97DBVR TI-SN74AUP1T97DBVR Datasheet
992Kb / 25P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97DBVR TI-SN74AUP1T97DBVR Datasheet
993Kb / 25P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97DBVRE4 TI-SN74AUP1T97DBVRE4 Datasheet
992Kb / 25P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97DBVRE4 TI-SN74AUP1T97DBVRE4 Datasheet
993Kb / 25P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
More results


Similar Description - SN74AUP1T97DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T97 TI-SN74AUP1T97 Datasheet
333Kb / 15P
SINGLE SUPPLY VOLTAGE LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNTIONS
SN74AUP1T98 TI-SN74AUP1T98 Datasheet
309Kb / 17P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57 Datasheet
933Kb / 24P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58 Datasheet
922Kb / 24P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97_10 Datasheet
992Kb / 25P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98 TI-SN74AUP1T98_10 Datasheet
935Kb / 24P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58_1 Datasheet
923Kb / 24P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE FUNCTIONS
SN74AUP1T97_101 TI-SN74AUP1T97_101 Datasheet
993Kb / 25P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98_101 TI-SN74AUP1T98_101 Datasheet
936Kb / 24P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57_1 Datasheet
934Kb / 24P
SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com