Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AUP2G08 Datasheet (PDF) - Texas Instruments

SN74AUP2G08 Datasheet PDF - Texas Instruments
Part # SN74AUP2G08
Download  SN74AUP2G08 Download
File Size   1396.62 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AUP2G08 Low-Power Dual 2-Input Positive-AND Gate

SN74AUP2G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AUP2G08 Datasheet PDF - Texas Instruments

Part # SN74AUP2G08
Download  SN74AUP2G08 Click to download

File Size   1396.62 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AUP2G08 Low-Power Dual 2-Input Positive-AND Gate

SN74AUP2G08 Datasheet (HTML) - Texas Instruments


SN74AUP2G08 Product details

1 Features
• Wide operating VCC range of 0.8V to 3.6V
• Low static-power consumption
(ICC = 0.9μA max)
• Low dynamic-power consumption
(Cpd = 4.3pF typ at 3.3V)
• Low noise – overshoot and undershoot
<10% of VCC
• Ioff supports partial-power-down mode operation
• Schmitt-trigger action allows slow input transition
and better switching noise immunity at the input
(Vhys = 250mV Typ at 3.3V)
• 3.6V I/O tolerant to support mixed-mode signal
operation
• tpd = 5.9ns max at 3.3V
• Latch-up performance exceeds 100mA per JESD
78, Class II

2 Applications
• Combine power good signals
• Combine enable signals

3 Description
This dual 2-input positive-AND gate is designed for
0.8V to 3.6V VCC operation and performs the Boolean
function Y = A ● B in positive logic.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs when VCC = 0V, preventing damaging current
backflow through the device when it is powered down.




Similar Part No. - SN74AUP2G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
454Kb / 15P
LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP2G08 TI1-SN74AUP2G08 Datasheet
1Mb / 23P
LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP2G08DCUR TI-SN74AUP2G08DCUR Datasheet
454Kb / 15P
LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP2G08DCUR TI1-SN74AUP2G08DCUR Datasheet
1Mb / 23P
LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
More results


Similar Description - SN74AUP2G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE AND GATE
SN74AUC2G08 TI-SN74AUC2G08 Datasheet
292Kb / 11P
DUAL 2 - INPUT POSITIVE - AND GATE
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1 Datasheet
133Kb / 7P
DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP2G08 TI-SN74AUP2G08_1 Datasheet
454Kb / 15P
LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI1-SN74LVC2G08_15 Datasheet
928Kb / 22P
Dual 2-Input Positive-AND Gate
SN74AUP2G08 TI1-SN74AUP2G08_16 Datasheet
1Mb / 23P
LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com