Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AVC4T774 Datasheet (PDF) - Texas Instruments

SN74AVC4T774 Datasheet PDF - Texas Instruments
Part # SN74AVC4T774
Download  SN74AVC4T774 Download
File Size   3045.66 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AVC4T774 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage-Level Shifting and 3-State Outputs With Independent Direction Control Inputs

SN74AVC4T774 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC4T774 Datasheet PDF - Texas Instruments

Part # SN74AVC4T774
Download  SN74AVC4T774 Click to download

File Size   3045.66 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AVC4T774 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage-Level Shifting and 3-State Outputs With Independent Direction Control Inputs

SN74AVC4T774 Datasheet (HTML) - Texas Instruments


SN74AVC4T774 Product details

1 Features
• Each channel has an independent DIR control
input
• Control inputs VIH/VIL levels are referenced to
VCCA voltage
• Fully configurable dual-rail design allows each port
to operate over the full 1.1V to 3.6V power-supply
range
• I/Os are 4.6V tolerant
• Ioff Supports partial power-down-mode operation
• Typical data rates
– 380Mbps (1.8V to 3.3V translation)
– 200Mbps (<1.8V to 3.3V translation)
– 200Mbps (translate to 2.5V or 1.8V)
– 150Mbps (translate to 1.5V)
– 100Mbps (translate to 1.2V)
• Latch-up performance exceeds 100mA Per JESD
78, class II
• ESD Protection exceeds the following levels
(tested per JESD 22)
– ±8000V Human-body model (A114-A)
– 250V Machine model (A115-A)
– ±1500V Charged-device model (C101)

2 Applications
• Personal electronic
• Industrial
• Enterprise
• Telecom

3 Description
This 4-bit noninverting bus transceiver uses two
separate configurable power-supply rails. The A port
is designed to track VCCA. VCCA accepts any supply
voltage from 1.1V to 3.6V. The B port is designed
to track VCCB. VCCB accepts any supply voltage
from 1.1 to 3.6V. The SN74AVC4T774 is optimized
to operate with VCCA/VCCB set at 1.4V to 3.6V.
It is operational with VCCA/VCCB as low as 1.2V.
This allows for universal low-voltage bi-directional
translation between any of the 1.2V, 1.5V, 1.8V, 2.5V,
and 3.3V voltage nodes.
The SN74AVC4T774 is designed for asynchronous
communication between data buses. The logic levels
of the direction-control (DIR) input and the outputenable
(OE) input activate either the B-port outputs
or the A-port outputs or place both output ports in
the high-impedance mode. The device transmits data
from the A bus to the B bus when the B outputs are
activated, and from the B bus to the A bus when the
A outputs are activated. The input circuitry on both A
and B ports is always active and must have a logic
HIGH or LOW level applied to prevent excess ICC and
ICCZ.
The SN74AVC4T774 is designed so that the control
pins (DIR1, DIR2, DIR3, DIR4, and OE) are supplied
by VCCA. This device is fully specified for partialpower-
down applications using Ioff. The Ioff circuitry
disables the outputs, preventing damaging current
backflow through the device when it is powered down.
The VCC isolation feature ensures that if either VCC
input is at GND, then both ports are in the highimpedance
state.
For a high-impedance state during power-up or
power-down, OE should be tied to VCCA through a
pullup resistor; the minimum value of the resistor
is determined by the current-sinking capability of
the driver. Since this device has CMOS inputs, it
is very important to not allow them to float. If the
inputs are not driven to either a high VCC state,
or a low-GND state, an undesirable larger than
expected ICC current may result. Since the input
voltage settlement is governed by many factors
(for example, capacitance, board-layout, package
inductance, surrounding conditions, and so forth),
ensuring that they these inputs are kept out of
erroneous switching states and tying them to either
a high or a low level minimizes the leakage-current.




Similar Part No. - SN74AVC4T774

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
826Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
739Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI1-SN74AVC4T774 Datasheet
1Mb / 36P
4-Bit Dual-Supply Bus Transceiver With Configurable Voltage-Level Shifting and 3-State Outputs With Independent Direction Control Inputs
SN74AVC4T774 TI1-SN74AVC4T774 Datasheet
1,022Kb / 26P
SN74AVC4T774-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage-Level Shifting and 3-State Outputs With Independent Direction Control Inputs
MARCH 2024
More results


Similar Description - SN74AVC4T774

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_18 Datasheet
1Mb / 29P
16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
SN74AVC4T774 TI1-SN74AVC4T774_18 Datasheet
1Mb / 36P
4-Bit Dual-Supply Bus Transceiver With Configurable Voltage-Level Shifting and 3-State Outputs With Independent Direction Control Inputs
SN74AVCH4T245 TI1-SN74AVCH4T245_18 Datasheet
1Mb / 38P
4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
SN74AXC4T774 TI1-SN74AXC4T774 Datasheet
969Kb / 32P
4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
SN74AXC4T774 TI1-SN74AXC4T774_V01 Datasheet
1Mb / 36P
SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
SN74AXC4T774-Q1 TI-SN74AXC4T774-Q1_V01 Datasheet
1Mb / 36P
SN74AXC4T774-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver with Independent Direction, Configurable-Voltage Translation, and Tri-State Outputs
SN74LXC8T245-Q1 TI-SN74LXC8T245-Q1 Datasheet
1,009Kb / 31P
SN74LXC8T245-Q1 Automotive 8-bit Dual-Supply Bus Transceiver with Configurable Level Shifting and 3-State Outputs
SN74AXC4T774 TI-SN74AXC4T774_V02 Datasheet
2Mb / 40P
SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
SN74LXC8T245 TI-SN74LXC8T245 Datasheet
1Mb / 35P
SN74LXC8T245 8-bit Dual-Supply Bus Transceiver with Configurable Level Shifting and 3-State Outputs
SN74LXC8T245 TI-SN74LXC8T245_V01 Datasheet
1Mb / 36P
SN74LXC8T245 8-bit Dual-Supply Bus Transceiver with Configurable Level Shifting and 3-State Outputs
REVISED MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com