Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AXC1T45 Datasheet (PDF) - Texas Instruments

SN74AXC1T45 Datasheet PDF - Texas Instruments
Part # SN74AXC1T45
Download  SN74AXC1T45 Download
File Size   1768.2 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation

SN74AXC1T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AXC1T45 Datasheet PDF - Texas Instruments

Part # SN74AXC1T45
Download  SN74AXC1T45 Click to download

File Size   1768.2 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation

SN74AXC1T45 Datasheet (HTML) - Texas Instruments


SN74AXC1T45 Product details

1 Features
• Up and down translation across 0.65 V to 3.6 V
• Operating temperature: –40°C to +125°C
• Designed with glitch suppression circuitry to
improve power sequencing performance
• Maximum quiescent current (ICCA + ICCB) of 10μA
(85°C maximum) and 16μA (125°C maximum)
• Up to 500Mbps support when translating from 1.8
to 3.3V
• VCC isolation feature:
– If either VCC input is below 100mV, all
I/Os outputs are disabled and become highimpedance
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 100mA per JESD
78, Class II
• ESD protection exceeds JESD 22:
– 8000-V human body model
– 1000-V charged-device model

2 Applications
• Enterprise and communications
• Industrial
• Personal electronics

3 Description
The SN74AXC1T45 is a single-bit noninverting bus
transceiver that uses two separate configurable
power-supply rails. The device is operational with both
VCCA and VCCB supplies as low as 0.65 V. The A port
is designed to track VCCA, which accepts any supply
voltage from 0.65 V to 3.6V. The B port is designed
to track VCCB, which also accepts any supply voltage
from 0.65 V to 3.6V.
The DIR pin determines the direction of signal
propagation. With the DIR pin configured HIGH,
translation is from Port A to Port B. With DIR
configured LOW, translation is from Port B to Port A.
The DIR pin is referenced to VCCA, meaning that its
logic-high and logic-low thresholds track with VCCA.
This device is fully specified for partial-power-down
applications using the Ioff current. The Ioff protection
circuitry ensures that no excessive current is drawn
from or to an input, output, or combined I/O that
is biased to a specific voltage while the device is
powered down.
The VCC isolation feature ensures that if either VCCA
or VCCB is less than 100mV, both I/O ports enter a
high-impedance state by disabling their outputs.
The glitch suppression circuitry enables either supply
rail to be powered on or off in any order, providing
robust power sequencing performance.




Similar Part No. - SN74AXC1T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 70P
Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
364Kb / 31P
Automotive Qualified Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 32P
SN74AXC1T45-Q1 Automotive Qualified Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs
SN74AXC1T45-Q1 TI1-SN74AXC1T45-Q1 Datasheet
364Kb / 31P
Automotive Qualified Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs
More results


Similar Description - SN74AXC1T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC1T45 TI-SN74AVC1T45 Datasheet
473Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_07 Datasheet
466Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_08 Datasheet
612Kb / 24P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_08 Datasheet
601Kb / 24P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-EP TI-SN74LVC1T45-EP Datasheet
421Kb / 20P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45-Q1 TI1-SN74AXC1T45-Q1_V01 Datasheet
1Mb / 32P
SN74AXC1T45-Q1 Automotive Qualified Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs
SN74LVC2T45 TI1-SN74LVC2T45_V01 Datasheet
1Mb / 32P
Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
SN74LVC2T45DCU TI1-SN74LVC2T45DCU Datasheet
1Mb / 32P
Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com