Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AXC2T45 Datasheet (PDF) - Texas Instruments

SN74AXC2T45 Datasheet PDF - Texas Instruments
Part # SN74AXC2T45
Download  SN74AXC2T45 Download
File Size   1334.4 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting

SN74AXC2T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AXC2T45 Datasheet PDF - Texas Instruments

Part # SN74AXC2T45
Download  SN74AXC2T45 Click to download

File Size   1334.4 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting

SN74AXC2T45 Datasheet (HTML) - Texas Instruments


SN74AXC2T45 Product details

1 Features
• AEC-Q100 automotive qualified
• Fully configurable dual-rail design allows each port
to operate with a power supply range from 0.65V
to 3.6V
• Operating temperature from –40°C to +125°C
• Glitch-free power supply sequencing
• Up to 380Mbps support when translating from 1.8V
to 3.3V
• VCC isolation feature
– If either VCC input is below 100mV, all
I/Os outputs are disabled and become highimpedance
• Ioff supports partial-power-down mode operation
• Compatible with AVC family level shifters
• Latch-up performance exceeds 100mA per JESD
78, Class II
• ESD protection exceeds JESD 22
– 8000-V human-body model
– 1000-V charged-device model

2 Applications
• Enterprise and communications
• Industrial
• Personal electronics
• Wireless infrastructure
• Building automation
• Point-of-sale

3 Description
The SN74AXC2T45 is a two-bit noninverting bus
transceiver that uses two individually configurable
power-supply rails. The device is operational with both
VCCA and VCCB supplies as low as 0.65V. The A port
is designed to track VCCA, which accepts any supply
voltage from 0.65V to 3.6V. The B port is designed
to track VCCB, which also accepts any supply voltage
from 0.65V to 3.6V. Additionally the SN74AXC2T45 is
compatible with a single-supply system.
The SN74AXC2T45 device is designed for
asynchronous communication between data buses.
The device transmits data from the A bus to the B
bus or from the B bus to the A bus, depending on
the logic level of the direction-control input (DIR). The
SN74AXC2T45 device is designed so the control pin
(DIR) is referenced to VCCA.
This device is fully specified for partial-power-down
applications using the Ioff current. The Ioff protection
circuitry is designed so that no excessive current is
drawn from or to an input, output, or combined I/O
that is biased to a specific voltage while the device is
powered down.
The VCC isolation feature is designed so that if either
VCCA or VCCB is less than 100mV, both I/O ports enter
a high-impedance state by disabling their outputs.
Glitch-free power supply sequencing allows either
supply rail to be powered on or off in any order while
providing robust power sequencing performance.




Similar Part No. - SN74AXC2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
1Mb / 33P
SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
1Mb / 35P
SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI-SN74AXC2T45 Datasheet
1Mb / 33P
SN74AXC2T45-Q1 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI-SN74AXC2T45 Datasheet
1Mb / 30P
SN74AXC2T45-Q1 2-Bit Translating Transceiver with Configurable Level-Shifting
REVISED SEPTEMBER 2021
More results


Similar Description - SN74AXC2T45

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74STX2G4245 PERICOM-PI74STX2G4245 Datasheet
443Kb / 8P
2-Bit Level Shifting Buffer/Transceiver with Configurable Dual Supply VoltageDIRB243A2B176
logo
Texas Instruments
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
2-Supply, Bus Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45_V01 Datasheet
1Mb / 33P
SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45_V02 Datasheet
1Mb / 35P
SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXCH2T45 TI1-SN74AXCH2T45 Datasheet
1Mb / 36P
SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
SN74LXCH8T245 TI-SN74LXCH8T245 Datasheet
1Mb / 29P
SN74LXCH8T245 8-bit Translating Transceiver with Configurable Level Shifting
SN74AXC2T45-Q1 TI-SN74AXC2T45-Q1 Datasheet
1Mb / 33P
SN74AXC2T45-Q1 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXC2T45-Q1 TI-SN74AXC2T45-Q1_V01 Datasheet
1Mb / 30P
SN74AXC2T45-Q1 2-Bit Translating Transceiver with Configurable Level-Shifting
REVISED SEPTEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com