Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AXCH1T45 Datasheet (PDF) - Texas Instruments

SN74AXCH1T45 Datasheet PDF - Texas Instruments
Part # SN74AXCH1T45
Download  SN74AXCH1T45 Download
File Size   2362.95 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXCH1T45 Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Inputs

SN74AXCH1T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AXCH1T45 Datasheet PDF - Texas Instruments

Part # SN74AXCH1T45
Download  SN74AXCH1T45 Click to download

File Size   2362.95 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXCH1T45 Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Inputs

SN74AXCH1T45 Datasheet (HTML) - Texas Instruments


SN74AXCH1T45 Product details

1 Features
• Fully Configurable Dual-Rail Design Allows Each
Port to Operate With a Power Supply Range from
0.65 V to 3.6 V
• Operating Temperature: –40°C to +125°C
• Glitch-Free Power Supply Sequencing
• Bus-hold on Data Inputs Eliminates the Need for
External Pullup or Pulldown Resistors
• Maximum Quiescent Current (ICCA + ICCB) of 10 μA
(85°C Maximum) and 16 μA (125°C Maximum)
• Up to 500-Mbps Support When Translating from
1.8 to 3.3 V
• VCC Isolation Feature
– If Either VCC Input is Below 100 mV, All
I/Os Outputs are Disabled and Become High-
Impedance
• Ioff Supports Partial-Power-Down Mode Operation
• Latch-Up Performance Exceeds 100 mA Per JESD
78, Class II
• ESD Protection Exceeds JESD 22
– 8000-V Human Body Model
– 1000-V Charged-Device Model

2 Applications
• Personal Electronics
• Enterprise and Communications
• Wireless Infrastructure
• Building Automation
• Electronic Point of Sale
• Enterprise Solid State Drive

3 Description
The SN74AXCH1T45 is a single-bit noninverting bus
transceiver that uses two individually configurable
power-supply rails. The device is operational with both
VCCA and VCCB supplies as low as 0.65 V. The A port
is designed to track VCCA, which accepts any supply
voltage from 0.65 V to 3.6 V. The B port is designed
to track VCCB, which also accepts any supply voltage
from 0.65 V to 3.6 V. Additionally the SN74AXCH1T45
is compatible with a single-supply system.
The DIR pin determines the direction of signal
propagation. With the DIR pin configured HIGH,
translation is from Port A to Port B. With DIR
configured LOW, translation is from Port B to Port A.
The DIR pin is referenced to VCCA, meaning that its
logic-high and logic-low thresholds track with VCCA.
Active bus-hold circuitry holds unused or undriven
inputs at a valid logic state. Use of pullup or
pulldown resistors with the bus-hold circuitry is not
recommended. If a supply is present for VCCA or
VCCB, the bus-hold circuitry always remains active on
the A or B inputs respectively, independent of the
state of the direction control pin.
This device is fully specified for partial-power-down
applications using the Ioff current. The Ioff protection
circuitry ensures that no excessive current is drawn
from or to an input, output, or combined I/O that
is biased to a specific voltage while the device is
powered down.
The VCC isolation feature ensures that if either VCCA
or VCCB is less than 100 mV, both I/O ports enter a
high-impedance state by disabling their outputs.
Glitch-free power supply sequencing allows either
supply rail to be powered on or off in any order while
providing robust power sequencing performance.




Similar Part No. - SN74AXCH1T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXCH1T45 TI1-SN74AXCH1T45 Datasheet
377Kb / 32P
Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Inputs
SN74AXCH1T45 TI1-SN74AXCH1T45 Datasheet
648Kb / 38P
Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Inputs
SN74AXCH1T45 TI1-SN74AXCH1T45 Datasheet
2Mb / 40P
SN74AXCH1T45 Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Inputs
SN74AXCH1T45DBV TI1-SN74AXCH1T45DBV Datasheet
648Kb / 38P
Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Inputs
SN74AXCH1T45DBV TI1-SN74AXCH1T45DBV Datasheet
2Mb / 40P
SN74AXCH1T45 Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Inputs
More results


Similar Description - SN74AXCH1T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXCH8T245 TI1-SN74AXCH8T245 Datasheet
889Kb / 32P
8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Circuitry
SN74AXCH1T45 TI1-SN74AXCH1T45 Datasheet
377Kb / 32P
Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Inputs
SN74AXCH1T45 TI1-SN74AXCH1T45_19 Datasheet
648Kb / 38P
Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Inputs
SN74AXCH8T245 TI1-SN74AXCH8T245_19 Datasheet
1Mb / 36P
8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Circuitry
SN74AXCH4T245 TI1-SN74AXCH4T245 Datasheet
1Mb / 39P
Four-bit bus transceiver with configurable voltage translation, tri-state outputs, and bus-hold inputs
SN74AXCH1T45 TI1-SN74AXCH1T45_V01 Datasheet
2Mb / 40P
SN74AXCH1T45 Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Inputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com