Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74CBTLV3126 Datasheet (PDF) - Texas Instruments

SN74CBTLV3126 Datasheet PDF - Texas Instruments
Part # SN74CBTLV3126
Download  SN74CBTLV3126 Download
File Size   2162.72 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CBTLV3126 Low-Voltage Quadruple FET Bus Switch

SN74CBTLV3126 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CBTLV3126 Datasheet PDF - Texas Instruments

Part # SN74CBTLV3126
Download  SN74CBTLV3126 Click to download

File Size   2162.72 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CBTLV3126 Low-Voltage Quadruple FET Bus Switch

SN74CBTLV3126 Datasheet (HTML) - Texas Instruments


SN74CBTLV3126 Product details

1 Features
• Standard 126-type pinout
• 5-Ω switch connection between two ports
• Rail-to-rail switching on data I/O ports
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 100 mA per JESD
78, Class II

2 Applications
• Datacenter and enterprise computing
• Broadband fixed line access
• Building automation
• Wired networking
• Motor drives

3 Description
The SN74CBTLV3126 quadruple FET bus switch
features independent line switches. Each switch is
disabled when the associated output-enable (OE)
input is low.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device
when it is powered down. The SN74CBTLV3126
device has isolation during power off.
To ensure the high-impedance state during power up
or power down, OE should be tied to GND through a
pull down resistor; the minimum value of the resistor
is determined by the current-sinking capability of the
driver.




Similar Part No. - SN74CBTLV3126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
281Kb / 11P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
685Kb / 18P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI2-SN74CBTLV3126 Datasheet
855Kb / 23P
SN74CBTLV3126-Q1 Low-Voltage Quadruple FET Bus Switch
DECEMBER 2025
SN74CBTLV3126 TI2-SN74CBTLV3126 Datasheet
3Mb / 39P
SN74CBTLV3126 Low-Voltage Quadruple FET Bus Switch
REVISED JANUARY 2026
More results


Similar Description - SN74CBTLV3126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125 Datasheet
289Kb / 12P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125 TI-SN74CBTLV3125_07 Datasheet
824Kb / 18P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3215 TI-SN74CBTLV3215 Datasheet
853Kb / 18P
LOW - voltage quadruple fet bus switch
SN74CBTLV3125 TI-SN74CBTLV3125_09 Datasheet
834Kb / 19P
Low-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_10 Datasheet
685Kb / 18P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3126 UTC-U74CBTLV3126 Datasheet
211Kb / 7P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3126 UTC-U74CBTLV3126_15 Datasheet
219Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com