Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVSERIES Datasheet (PDF) - Bourns Electronic Solutions

CVSERIES Datasheet PDF - Bourns Electronic Solutions
Part # CVSERIES
Download  CVSERIES Download
File Size   1456.6 Kbytes
Page   17 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description CV Series - Medium Voltage Disc Varistors

CVSERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
CVSERIES Datasheet PDF - Bourns Electronic Solutions

Part # CVSERIES
Download  CVSERIES Click to download

File Size   1456.6 Kbytes
Page   17 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description CV Series - Medium Voltage Disc Varistors

CVSERIES Datasheet (HTML) - Bourns Electronic Solutions


CVSERIES Product details

Features
Formerly a product
Five model sizes available - 5, 7, 10, 14 and 20 mm
Broad range of current and energy handling capabilities
50 to 680 Vrms AC voltage range; higher voltages available upon request (see the ZV Series for voltages below 50 V)
65 to 895 Vdc DC operating voltage range
Available in tape and reel packaging for automatic pick-and-place
RoHS compliant




Similar Part No. - CVSERIES

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
Output Current up to 3A
logo
Automatic Timing & Cont...
CVSERIES ATC-CVSERIES Datasheet
287Kb / 1P
Single Phase Under/Over Voltage Monitor
More results


Similar Description - CVSERIES

ManufacturerPart #DatasheetDescription
logo
LEM
CV4-4000 LEM-CV4-4000 Datasheet
48Kb / 2P
Voltage Transducer CV 4-4000
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Littelfuse
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
High Energy Industrial Disc Varistors > CA Series
logo
Vishay Siliconix
HY935 VISHAY-HY935 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
logo
List of Unclassifed Man...
1665 ETC2-1665 Datasheet
530Kb / 1P
Constant voltage (CV) operation
logo
Thinking Electronic Ind...
TVR-V THINKING-TVR-V Datasheet
493Kb / 15P
Disc Type Varistor for Surge Protection (Medium Surge Series)
logo
Bourns Electronic Solut...
ZV2M0603300HT BOURNS-ZV2M0603300HT Datasheet
1Mb / 23P
Low Voltage, High Temperature Varistors
SV60K5 BOURNS-SV60K5 Datasheet
1Mb / 19P
Special Medium Voltage Varistors
logo
Stackpole Electronics, ...
ZVY SEI-ZVY Datasheet
507Kb / 6P
Low Voltage SMD Varistors
08/19/2019
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com