Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2074242 Datasheet (PDF) - SICK AG

2074242 Datasheet PDF - SICK AG
Part # 2074242
Download  2074242 Download
File Size   613.17 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description SAFETY LASER SCANNERS

2074242 Datasheet (PDF)

Go To PDF Page Download Datasheet
2074242 Datasheet PDF - SICK AG

Part # 2074242
Download  2074242 Click to download

File Size   613.17 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description SAFETY LASER SCANNERS

2074242 Datasheet (HTML) - SICK AG


2074242 Product details

Features
Sub product family microScan3 Core I/O
Model Sensor without system plug
Application Indoor
Protective field range 5.5 m
Warning field range 40 m
Number of simultaneously monitored fields ≤ 4
Number of fields 8
Number of monitoring cases 2
Scanning angle 275°
Resolution (can be configured) 30 mm
40 mm
50 mm
70 mm
150 mm
200 mm
Angular resolution 0.39°
Response time ≥ 70 ms
Protective field supplement 65 mm




Similar Part No. - 2074242

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
20742 ATOM-20742 Datasheet
122Kb / 2P
AT9234 Assembly
31st of January 2025 06:56:56
More results


Similar Description - 2074242

ManufacturerPart #DatasheetDescription
logo
SICK AG
MICS3-AAAZ40AZ1P01 SICK-MICS3-AAAZ40AZ1P01 Datasheet
907Kb / 7P
SAFETY LASER SCANNERS
MICS3-AAAZ55AZ1P01 SICK-MICS3-AAAZ55AZ1P01 Datasheet
907Kb / 7P
SAFETY LASER SCANNERS
S30A-6011GB SICK-S30A-6011GB Datasheet
2Mb / 9P
SAFETY LASER SCANNERS
S30A-6111CP SICK-S30A-6111CP Datasheet
1Mb / 6P
SAFETY LASER SCANNERS
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
SAFETY LASER SCANNERS
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
SAFETY LASER SCANNERS
S30A-7111CL SICK-S30A-7111CL Datasheet
1Mb / 7P
SAFETY LASER SCANNERS
S30B-2011CA SICK-S30B-2011CA Datasheet
1Mb / 8P
SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
SAFETY LASER SCANNERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com