Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE-0803-G Datasheet (PDF) - SICK AG

STE-0803-G Datasheet PDF - SICK AG
Part # STE-0803-G
Download  STE-0803-G Download
File Size   943.21 Kbytes
Page   8 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description INDUCTIVE PROXIMITY SENSORS

STE-0803-G Datasheet (PDF)

Go To PDF Page Download Datasheet
STE-0803-G Datasheet PDF - SICK AG

Part # STE-0803-G
Download  STE-0803-G Click to download

File Size   943.21 Kbytes
Page   8 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description INDUCTIVE PROXIMITY SENSORS

STE-0803-G Datasheet (HTML) - SICK AG


STE-0803-G Product details

Features
Housing Cylindrical thread design
Housing Short-body
Thread size M4 x 0.5
Diameter Ø 4 mm
Sensing range Sn 1 mm
Safe sensing range Sa 0.81 mm
Installation type Flush
Switching frequency 4,200 Hz
Connection type Cable, 3-wire, 2 m
Switching output NPN
Output function NO
Electrical wiring DC 3-wire
Enclosure rating IP67
Special features Visual adjustment indicator
Items supplied Mounting nut, V2A stainless steel (2x)
Washer, V2A stainless steel, with locking teeth (2x)
Cable flag, Polymatic 50 (1 x)




Similar Part No. - STE-0803-G

ManufacturerPart #DatasheetDescription
logo
SICK AG
STE-0803-G SICK-STE-0803-G Datasheet
375Kb / 4P
Plug connector cable
STE-0803-G SICK-STE-0803-G Datasheet
379Kb / 8P
W100 Laser MINIATURE PHOTOELECTRIC SENSORS
2023-04-25 18:33:36
STE-0803-G SICK-STE-0803-G Datasheet
952Kb / 8P
INDUCTIVE PROXIMITY SENSORS
2024-03-01 12:33:38
STE-0803-GPC SICK-STE-0803-GPC Datasheet
367Kb / 4P
Plug connector cable
More results


Similar Description - STE-0803-G

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME08-1B5NOZT0K SICK-IME08-1B5NOZT0K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME12-04BDSZY2K SICK-IME12-04BDSZY2K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME12-10NPSZW2S SICK-IME12-10NPSZW2S Datasheet
984Kb / 6P
INDUCTIVE PROXIMITY SENSORS
IME18-12BPOZC0S SICK-IME18-12BPOZC0S Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME18-12BPSZC0K SICK-IME18-12BPSZC0K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME18-20NPOZC0S SICK-IME18-20NPOZC0S Datasheet
1Mb / 7P
INDUCTIVE PROXIMITY SENSORS
IME30-15BDOZY2S SICK-IME30-15BDOZY2S Datasheet
3Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME12-02BPSZW5S SICK-IME12-02BPSZW5S Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com