Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6501 Datasheet (PDF) - Texas Instruments

SN6501 Datasheet PDF - Texas Instruments
Part # SN6501
Download  SN6501 Download
File Size   2892.38 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN6501 Transformer Driver for Isolated Power Supplies

SN6501 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN6501 Datasheet PDF - Texas Instruments

Part # SN6501
Download  SN6501 Click to download

File Size   2892.38 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN6501 Transformer Driver for Isolated Power Supplies

SN6501 Datasheet (HTML) - Texas Instruments


SN6501 Product details

1 Features
• Push-pull driver for small transformers
• Single 3.3-V or 5-V supply
• High primary-side current drive:
– 5-V Supply: 350 mA (Max)
– 3.3-V Supply: 150 mA (Max)
• Low ripple on rectified output permits small output
capacitors
• Small 5-Pin SOT-23 Package

2 Applications
• Isolated interface power supply for CAN, RS-485,
RS-422, RS-232, SPI, I2C, Low-Power LAN
• Industrial automation
• Process control
• Medical equipment

3 Description
The SN6501 is a monolithic oscillator/power-driver,
specifically designed for small form factor, isolated
power supplies in isolated interface applications. The
device drives a low-profile, center-tapped transformer
primary from a 3.3-V or 5-V DC power supply. The
secondary can be wound to provide any isolated
voltage based on transformer turns ratio.
The SN6501 consists of an oscillator followed by a
gate drive circuit that provides the complementary
output signals to drive the ground referenced Nchannel
power switches. The internal logic ensures
break-before-make action between the two switches.
The SN6501 is available in a small SOT-23 (5)
package, and is specified for operation at
temperatures from –40°C to 125°C.




Similar Part No. - SN6501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501 Datasheet
1Mb / 29P
Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
964Kb / 34P
Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
Transformer Driver for Isolated Power Supplies
More results


Similar Description - SN6501

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX256 MAXIM-MAX256_05 Datasheet
271Kb / 14P
3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 0; 8/05
logo
Texas Instruments
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX13253 MAXIM-MAX13253 Datasheet
1Mb / 14P
1A, Spread-Spectrum, Push-Pull, Transformer Driver for Isolated Power Supplies
Rev 1; 4/13
logo
Texas Instruments
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX258 MAXIM-MAX258_13 Datasheet
637Kb / 12P
500mA, Push-Pull Transformer Driver for Isolated Power Supplies
Rev 0; 5/13
logo
Texas Instruments
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
Transformer Driver for Isolated Power Supplies
SN6501 TI-SN6501_15 Datasheet
1Mb / 34P
SN6501 Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
SN6501-Q1 Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX25256 MAXIM-MAX25256 Datasheet
550Kb / 16P
Automotive, 36V H-Bridge Transformer Driver for Isolated Supplies
19-101087; Rev 0; 4/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com