Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75176BD Datasheet (PDF) - Texas Instruments

SN75176BD Datasheet PDF - Texas Instruments
Part # SN75176BD
Download  SN75176BD Download
File Size   1096.82 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx5176B Differential Bus Transceivers

SN75176BD Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75176BD Datasheet PDF - Texas Instruments

Part # SN75176BD
Download  SN75176BD Click to download

File Size   1096.82 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx5176B Differential Bus Transceivers

SN75176BD Datasheet (HTML) - Texas Instruments


SN75176BD Product details

1 Features
• Bidirectional transceivers
• Meets or exceeds the requirements of ANSI
standards TIA/EIA-422-B and TIA/EIA-485-A
and ITU Recommendations V.11 and X.27
• Designed for multipoint transmission on long bus
lines in noisy environments
• 3-state driver and receiver outputs
• Individual driver and receiver enables
• Wide positive and negative input/output bus
voltage ranges
• ±60mAm maximum driver output capability
• Thermal shutdown protection
• Driver positive and negative current limiting
• 12kΩ minimum receiver input impedance
• ±200mV receiver input sensitivity
• 50mV typical receiver input hysteresis
• Operates from a single 5V supply

2 Applications
• Chemical and gas sensors
• Digital signage
• Human machine interfaces (HMI)
• Motor controls
– AC induction
– Brushed and brush-less DC
– Low- and high-voltage
– Stepper motors
– Permanent magnets
• TETRA base stations
• Telecommunication towers
– Remote electrical tilt (RET) units
– Tower mounted amplifiers (TMA)
• Weigh scales
• Wireless repeaters

3 Description
The SN65176B and SN75176B differential bus
transceivers are designed for bidirectional data
communication on multipoint bus transmission lines.
The SN65176B and SN75176B are designed
for balanced transmission lines and meet ANSI
Standards TIA/EIA-422-B and TIA/EIA-485-A and ITU
Recommendations V.11 and X.27.
The SN65176B and SN75176B devices combine
a 3-state differential line driver and a differential
input line receiver, both of which operate from a
single 5V power supply. The driver has a active-high
enable and the receiver has an active-low enable,
that can connect together externally to function as a
direction control. The driver differential outputs and
the receiver differential inputs are connected internally
to form differential input/output (I/O) bus ports that are
designed to offer minimum loading to the bus when
the driver is disabled or VCC = 0. These ports feature
wide positive and negative common-mode voltage
ranges, making the device appropriate for party-line
applications.
The driver is designed for up to 60mA of sink
or source current. The driver features positive
and negative current limiting and thermal shutdown
for protection from line-fault conditions. Thermal
shutdown is designed to occur at a junction
temperature of approximately 150°C. The receiver
features a minimum input impedance of 12kΩ, an
input sensitivity of ±200mV, and a typical input
hysteresis of 50mV.




Similar Part No. - SN75176BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75176BD TI-SN75176BD Datasheet
346Kb / 18P
DIFFERENTIAL BUS TRANSCEIVERS
SN75176BD TI-SN75176BD Datasheet
397Kb / 21P
DIFFERENTIAL BUS TRANSCEIVERS
SN75176BD TI-SN75176BD Datasheet
576Kb / 21P
DIFFERENTIAL BUS TRANSCEIVERS
SN75176BDE4 TI-SN75176BDE4 Datasheet
346Kb / 18P
DIFFERENTIAL BUS TRANSCEIVERS
SN75176BDE4 TI-SN75176BDE4 Datasheet
397Kb / 21P
DIFFERENTIAL BUS TRANSCEIVERS
More results


Similar Description - SN75176BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI1-SN55LBC176_16 Datasheet
1,007Kb / 26P
DIFFERENTIAL BUS TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com