Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G06 Datasheet (PDF) - Texas Instruments

SN74LVC1G06 Datasheet PDF - Texas Instruments
Part # SN74LVC1G06
Download  SN74LVC1G06 Download
File Size   2675.46 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G06 Single Inverter Buffer or Driver With Open-Drain Output

SN74LVC1G06 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G06 Datasheet PDF - Texas Instruments

Part # SN74LVC1G06
Download  SN74LVC1G06 Click to download

File Size   2675.46 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G06 Single Inverter Buffer or Driver With Open-Drain Output

SN74LVC1G06 Datasheet (HTML) - Texas Instruments


SN74LVC1G06 Product details

1 Features
• ESD protection exceeds JESD 22
– 2000V human body model (A114-A)
– 200V machine model (A115-A)
– 1000V charged-device model (C101)
• Available in the Texas Instruments NanoFree™
package
• Supports 5V VCC operation
• Input and open-drain output accept voltages up to
5.5V
• Maximum tpd of 4.5ns at 3.3V at 125°C
• Low power consumption, 10μA maximum ICC
• ±24mA output drive at 3.3V for open-drain devices
• Ioff supports partial-power-down mode and backdrive
protection
• Latch-up performance exceeds 100mA per JESD
78, class II
• Can be used for up or down translation
• Schmitt trigger action on all ports

2 Applications
• AV receivers
• Blu-ray players and home theaters
• DVD recorders and players
• Desktop or notebook PCs
• Digital radio or internet radio players
• Digital video cameras (DVC)
• Embedded PCs
• GPS: personal navigation devices
• Mobile internet devices
• Network projector front-ends
• Portable media players
• Pro audio mixers
• Smoke detectors
• Solid state drive (SSD): enterprise
• High-definition (HDTV)
• Tablets: enterprise
• Audio docks: portable
• DLP front projection systems
• DVR and DVS
• Digital picture frame (DPF)
• Digital still cameras

3 Description
This single inverter buffer and driver is designed for
1.65V to 5.5V VCC operation.
NanoFree package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
The output of the SN74LVC1G06 device is open-drain
and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-
AND functions. The maximum sink current is 32mA.
This device is fully specified for partial-power-down
applications using Ioff.The Ioff circuitry disables the
outputs when the device is powered down. This
inhibits current backflow into the device which
prevents damage to the device.




Similar Part No. - SN74LVC1G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G06 TI-SN74LVC1G06 Datasheet
306Kb / 12P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06 Datasheet
674Kb / 17P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI1-SN74LVC1G06 Datasheet
1Mb / 41P
Single Inverter Buffer/Driver With Open-Drain Output
logo
TECH PUBLIC Electronics...
SN74LVC1G06 TECHPUBLIC-SN74LVC1G06 Datasheet
4Mb / 8P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
Texas Instruments
SN74LVC1G06 TI2-SN74LVC1G06 Datasheet
1Mb / 29P
SN74LVC1G06-Q1 Automotive Single Inverter Buffer or Driver With Open-Drain Output
JUNE 2025
More results


Similar Description - SN74LVC1G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G06 TI-SN74LVC1G06 Datasheet
306Kb / 12P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
332Kb / 13P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06_08 Datasheet
674Kb / 17P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06 TI-SN74AUC1G06_09 Datasheet
508Kb / 12P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
74LVC1G06_1010 DIODES-74LVC1G06_1010 Datasheet
247Kb / 13P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
74LVCE1G06_1012 DIODES-74LVCE1G06_1012 Datasheet
248Kb / 13P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G06DBVTG4 TI1-SN74LVC1G06DBVTG4 Datasheet
1Mb / 24P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com