Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G175 Datasheet (PDF) - Texas Instruments

SN74LVC1G175 Datasheet PDF - Texas Instruments
Part # SN74LVC1G175
Download  SN74LVC1G175 Download
File Size   1794.12 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G175 Single D-Type Flip-Flop With Asynchronous Clear

SN74LVC1G175 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G175 Datasheet PDF - Texas Instruments

Part # SN74LVC1G175
Download  SN74LVC1G175 Click to download

File Size   1794.12 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G175 Single D-Type Flip-Flop With Asynchronous Clear

SN74LVC1G175 Datasheet (HTML) - Texas Instruments


SN74LVC1G175 Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Supports Down Translation to VCC
• Max tpd of 4.3 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• TV/Set Top Box/Audio
• EPOS (Electronic Point-of-Sale)
• Motor Drives
• PC/Notebook
• Servers
• Factory Automation and Control
• Tablets
• Medical Healthcare and Fitness
• Smart Grid
• Telecom Infrastructure
• Enterprise Switching
• Projectors
• Storage

3 Description
This single D-type flip-flop is designed for 1.65-V to
5.5-V VCC operation.
The SN74LVC1G175 device has an asynchronous
clear (CLR) input. When CLR is high, data from the input pin (D) is transferred to the output pin (Q) on
the clock's (CLK) rising edge. When CLR is low, Q is
forced into the low state, regardless of the clock edge
or data on D.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.




Similar Part No. - SN74LVC1G175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G175 TI-SN74LVC1G175 Datasheet
226Kb / 12P
SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
SN74LVC1G175-EP TI1-SN74LVC1G175-EP Datasheet
545Kb / 14P
SINGLE D-TYPE FLIP-FLOP WITH ASYNCHRONOUS CLEAR
SN74LVC1G175B-EP TI2-SN74LVC1G175B-EP Datasheet
1,018Kb / 25P
SN74LVC1G175B-EP Enhanced Product, Single D-Type Flip-Flop with Asynchronous Clear
MARCH 2026
SN74LVC1G175B-Q1 TI2-SN74LVC1G175B-Q1 Datasheet
1Mb / 30P
SN74LVC1G175B-Q1 Automotive Single D-Type Flip-Flop With Asynchronous Clear
JUNE 2026
SN74LVC1G175DBVR TI-SN74LVC1G175DBVR Datasheet
226Kb / 12P
SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
More results


Similar Description - SN74LVC1G175

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Texas Instruments
SN74LVC1G175 TI-SN74LVC1G175 Datasheet
226Kb / 12P
SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
logo
STMicroelectronics
74V2G74 STMICROELECTRONICS-74V2G74 Datasheet
289Kb / 13P
SINGLE D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Dec-2001
logo
Fairchild Semiconductor
NC7SZ175 FAIRCHILD-NC7SZ175_04 Datasheet
154Kb / 9P
TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
D-Type Flip-Flop with Clear
logo
Texas Instruments
SN74LVC1G175-EP TI1-SN74LVC1G175-EP Datasheet
545Kb / 14P
SINGLE D-TYPE FLIP-FLOP WITH ASYNCHRONOUS CLEAR
SN74LVC1G175 TI1-SN74LVC1G175_15 Datasheet
1Mb / 28P
Single D-Type Flip-Flop With Asynchronous Clear
logo
ON Semiconductor
NL17SZ175 ONSEMI-NL17SZ175 Datasheet
323Kb / 12P
D-Type Flip-Flop with Asynchronous Clear
February, 2021 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com