Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G240 Datasheet (PDF) - Texas Instruments

SN74LVC1G240 Datasheet PDF - Texas Instruments
Part # SN74LVC1G240
Download  SN74LVC1G240 Download
File Size   1774.27 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Buffer/Driver With 3-State Output

SN74LVC1G240 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G240 Datasheet PDF - Texas Instruments

Part # SN74LVC1G240
Download  SN74LVC1G240 Click to download

File Size   1774.27 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Buffer/Driver With 3-State Output

SN74LVC1G240 Datasheet (HTML) - Texas Instruments


SN74LVC1G240 Product details

1FEATURES
2• Available in the Texas Instruments NanoFree™
Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Provides Down Translation to VCC • Max t pd of 3.7 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Live Insertion, Partial-Power-
Down Mode, and Back Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION
This single buffer/driver is designed for 1.65-V to 5.5-
V VCC operation.
The SN74LVC1G240 is a single line driver with a 3-
state output. The output is disabled when the output- enable (OE) input is high.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC1G240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
494Kb / 14P
SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI1-SN74LVC1G240 Datasheet
1Mb / 22P
Single Buffer/Driver With 3-State Output
SN74LVC1G240B-Q1 TI2-SN74LVC1G240B-Q1 Datasheet
775Kb / 18P
SN74LVC1G240B-Q1 Automotive Single Inverter With 3-State Output
MARCH 2026
SN74LVC1G240B-Q1 TI2-SN74LVC1G240B-Q1 Datasheet
1Mb / 26P
SN74LVC1G240B-Q1 Automotive Single Inverter With 3-State Output
MARCH 2026
More results


Similar Description - SN74LVC1G240

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
Hex Buffer/Driver with 3-State Output
logo
Texas Instruments
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC365 RENESAS-HD74AC365 Datasheet
91Kb / 6P
Hex Buffer/Driver with 3-State Output
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
Hex Buffer/Driver with 3-State Output
logo
Texas Instruments
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI1-SN74LVC1G240_16 Datasheet
1Mb / 22P
Single Buffer/Driver With 3-State Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com