Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G332 Datasheet (PDF) - Texas Instruments

SN74LVC1G332 Datasheet PDF - Texas Instruments
Part # SN74LVC1G332
Download  SN74LVC1G332 Download
File Size   1938.03 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single 3-Input Positive-OR Gate

SN74LVC1G332 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G332 Datasheet PDF - Texas Instruments

Part # SN74LVC1G332
Download  SN74LVC1G332 Click to download

File Size   1938.03 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single 3-Input Positive-OR Gate

SN74LVC1G332 Datasheet (HTML) - Texas Instruments


SN74LVC1G332 Product details

1FEATURES
2• Available in the Texas Instruments NanoStar™
and NanoFree™ Packages
• Supports 5-V V CC Operation
• Inputs Accept Voltages to 5.5 V
• Supports Down Translation to V CC
• Max tpd of 4.5 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Live Insertion, Partial-Power-
Down Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

Y  A  B  C or Y  A • B • C
DESCRIPTION
The SN74LVC1G332 device performs the Boolean
function in
positive logic.
NanoStar™ and NanoFree™ package technology is
a major breakthrough in IC packaging concepts,
using the die as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC1G332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
SINGLE 3 INPUT POSITIVE OR GATE
SN74LVC1G332 TI1-SN74LVC1G332 Datasheet
1Mb / 26P
Single 3-Input Positive-OR Gate
SN74LVC1G332B-Q1 TI2-SN74LVC1G332B-Q1 Datasheet
1Mb / 23P
SN74LVC1G332B-Q1 Automotive Single 3-Input Positive-OR Gate
JUNE 2026
SN74LVC1G332DBVR TI-SN74LVC1G332DBVR Datasheet
253Kb / 11P
SINGLE 3 INPUT POSITIVE OR GATE
SN74LVC1G332DBVR TI1-SN74LVC1G332DBVR Datasheet
1Mb / 26P
Single 3-Input Positive-OR Gate
More results


Similar Description - SN74LVC1G332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
SINGLE 3 INPUT POSITIVE OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_08 Datasheet
489Kb / 15P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI1-SN74LVC1G0832_07 Datasheet
631Kb / 17P
SINGLE 3-INPUT POSITIVE AND-OR GATE
JANUARY2007
SN74LVC1G3208-Q1 TI1-SN74LVC1G3208-Q1 Datasheet
380Kb / 11P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
Single 3-Input Positive-OR Gate
SN74LVC1G3208-EP TI1-SN74LVC1G3208-EP Datasheet
813Kb / 15P
SINGLE 3-INPUT POSITIVE OR-AND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com