Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G38 Datasheet (PDF) - Texas Instruments

SN74LVC1G38 Datasheet PDF - Texas Instruments
Part # SN74LVC1G38
Download  SN74LVC1G38 Download
File Size   1974.09 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G38 Single 2-Input NAND Gate With Open-Drain Output

SN74LVC1G38 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G38 Datasheet PDF - Texas Instruments

Part # SN74LVC1G38
Download  SN74LVC1G38 Click to download

File Size   1974.09 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G38 Single 2-Input NAND Gate With Open-Drain Output

SN74LVC1G38 Datasheet (HTML) - Texas Instruments


SN74LVC1G38 Product details

1 Features
1• Latch-up performance exceeds 100 mA Per JESD
78, Class II
• ESD protection exceeds JESD 22
– 2000-V Human-body model (A114-A)
– 200-V Machine model (A115-A)
– 1000-V Charged-device model (C101)
• Available in the Texas Instruments
NanoStar™ and NanoFree™ Packages
• Supports 5-V VCC operation
• Inputs accept voltages to 5.5 V
• Supports down translation to VCC
• Maximum tpd of 4.5 ns at 3.3 V
• Low power consumption, 10-μA maximum ICC
• ±24-mA Output drive at 3.3 V
• Ioff Supports partial-power-down mode and backdrive
protection

2 Applications
• AV receivers
• Blu-ray players and home theaters
• DVD recorders and players
• Desktop or notebook PCs
• Digital radio or internet radio players
• Digital video cameras (DVC)
• Embedded PCs
• GPS: personal navigation devices
• Mobile internet devices
• Network projector front-ends
• Portable media players
• Pro audio mixers
• Smoke detectors
• Solid dtate drive (SSD): enterprise
• High-definition (HDTV)
• Tablets: enterprise
• Audio docks: portable
• DLP front projection systems
• DVR and DVS
• Digital picture frame (DPF)
• Digital still cameras

3 Description
The SN74LVC1G38 device is designed for 1.65-V to
5.5-V VCC operation.
This device is a single two-input NAND buffer gate
with open-drain output. It performs the Boolean
function Y = A × B or Y = A + B in positive logic.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs when the device is powered down. This
inhibits current backflow into the device which
prevents damage to the device.
NanoStar™ and NanoFree™ package technology is
a major breakthrough in IC packaging concepts,
using the die as the package.




Similar Part No. - SN74LVC1G38

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
SN74LVC1G38 TI1-SN74LVC1G38 Datasheet
723Kb / 19P
Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38 Datasheet
1Mb / 34P
Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38 Datasheet
2Mb / 38P
Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G386 TI-SN74LVC1G386 Datasheet
270Kb / 12P
SINGLE 3-INPUT POSITIVE-XOR GATE
More results


Similar Description - SN74LVC1G38

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
2-Input NAND Gate with Open Drain Output
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38_017 TI1-SN74LVC1G38_017 Datasheet
1Mb / 34P
Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com