Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G06 Datasheet (PDF) - Texas Instruments

SN74LVC2G06 Datasheet PDF - Texas Instruments
Part # SN74LVC2G06
Download  SN74LVC2G06 Download
File Size   1781.59 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G06 Dual Inverter Buffer and Driver With Open-Drain Outputs

SN74LVC2G06 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G06 Datasheet PDF - Texas Instruments

Part # SN74LVC2G06
Download  SN74LVC2G06 Click to download

File Size   1781.59 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G06 Dual Inverter Buffer and Driver With Open-Drain Outputs

SN74LVC2G06 Datasheet (HTML) - Texas Instruments


SN74LVC2G06 Product details

1 Features
1• Available in the Texas Instruments
Package
• Supports 5-V VCC Operation open•
Max t pd of 3.4 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Inputs and Open-Drain Outputs Accept
Voltages up to 5.5 V
• I off Supports Live Insertion, Partial-Power-Down
Mode and Back-Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Supports Down-Translation
(5 V to 3.3 V and 3.3 V to 1.8 V)
• ESD Protection Exceeds JESD 22
– 2000-V Human Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• AV Receivers
• Blu-ray Players and Home Theaters
• DVD Recorders and Players
• Desktop or Notebook PCs
• Digital Radio or Internet Radio Players
• Digital Video Cameras (DVC)
• Embedded PC
• GPS: Personal Navigation Devices
• Mobile Internet Devices
• Network Projector Front-End
• Portable Media Players
• Pro Audio Mixers
• Smoke Detectors
• Solid-State Drive (SSD): Enterprise
• High-Definition (HDTV)

3 Description
This dual inverter buffer and driver is designed for
1.65-V to 5.5-V VCC operation.
The output of the SN74LVC2G06 device is an open•
drain which can be connected to other open-drain
outputs to implement active-low, wired-OR, or active-
high wired-AND functions. The maximum sink current
is 32 mA.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.




Similar Part No. - SN74LVC2G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G06 TI-SN74LVC2G06 Datasheet
317Kb / 12P
DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06 TI2-SN74LVC2G06 Datasheet
880Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
REVISED APRIL 2008
SN74LVC2G06-EP TI1-SN74LVC2G06-EP Datasheet
353Kb / 11P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06-EP TI2-SN74LVC2G06-EP Datasheet
880Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
REVISED APRIL 2008
SN74LVC2G06-Q1 TI-SN74LVC2G06-Q1 Datasheet
119Kb / 7P
DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
More results


Similar Description - SN74LVC2G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06 TI-SN74LVC2G06 Datasheet
317Kb / 12P
DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06-Q1 TI-SN74LVC2G06-Q1 Datasheet
119Kb / 7P
DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06_09 Datasheet
577Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06-EP TI1-SN74LVC2G06-EP Datasheet
353Kb / 11P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI1-SN74LVC2G07_15 Datasheet
1Mb / 28P
Dual Buffer and Driver With Open-Drain Outputs
SN74LVC2G06 TI1-SN74LVC2G06_15 Datasheet
1Mb / 28P
Dual Inverter Buffer and Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
Triple Inverter Buffer/Driver With Open-Drain Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com