Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07 Datasheet (PDF) - Texas Instruments

SN74LVC2G07 Datasheet PDF - Texas Instruments
Part # SN74LVC2G07
Download  SN74LVC2G07 Download
File Size   1768.68 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs

SN74LVC2G07 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G07 Datasheet PDF - Texas Instruments

Part # SN74LVC2G07
Download  SN74LVC2G07 Click to download

File Size   1768.68 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs

SN74LVC2G07 Datasheet (HTML) - Texas Instruments


SN74LVC2G07 Product details

1 Features
1• Dual Open-Drain Buffer Configuration
• -24-mA Output Drive at 3.3 V
• Support Translation-Up and Down
• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs and Open-Drain Outputs Accept Voltages
Up to 5.5 V
• Max tpd of 3.7 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• Blu-ray Players and Home Theaters
• DVD Recorders and Players
• Desktops or Notebook PCs
• Digital Video Cameras (DVC)
• Embedded PCs
• GPS: Personal Navigation Devices
• Mobile Phones
• Network Projector Front Ends
• Portable Media Players
• Solid State Drive (SSD): Enterprise
• High-Definition (HDTV)
• Tablet: Enterprise
• Audio Dock: Portable
• DLP Front Projection System

3 Description
This dual buffer and driver is designed for 1.65-V to
5.5-V VCC operation. The output of the
SN74LVC2G07 device is open drain and can be
connected to other open-drain outputs to implement
active-low wired-OR or active-high wired-AND
functions. The maximum sink current is 32 mA.
NanoFree package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC2G07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
496Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI1-SN74LVC2G07 Datasheet
708Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
2Mb / 31P
SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
logo
Guangdong Youtai Semico...
SN74LVC2G07 UMW-SN74LVC2G07 Datasheet
719Kb / 9P
SN74LVC2G07
More results


Similar Description - SN74LVC2G07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07_09 Datasheet
602Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI1-SN74LVC2G07_15 Datasheet
1Mb / 28P
Dual Buffer and Driver With Open-Drain Outputs
SN74LVC2G06 TI1-SN74LVC2G06_15 Datasheet
1Mb / 28P
Dual Inverter Buffer and Driver With Open-Drain Outputs
SN74LVC2G07-EP TI1-SN74LVC2G07-EP_14 Datasheet
708Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_V01 Datasheet
2Mb / 31P
SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com