Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G32DSF2.B Datasheet (PDF) - Texas Instruments

SN74LVC1G32DSF2.B Datasheet PDF - Texas Instruments
Part # SN74LVC1G32DSF2.B
Download  SN74LVC1G32DSF2.B Download
File Size   2421.91 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G32 Single 2-Input Positive-OR Gate

SN74LVC1G32DSF2.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G32DSF2.B Datasheet PDF - Texas Instruments

Part # SN74LVC1G32DSF2.B
Download  SN74LVC1G32DSF2.B Click to download

File Size   2421.91 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G32 Single 2-Input Positive-OR Gate

SN74LVC1G32DSF2.B Datasheet (HTML) - Texas Instruments


SN74LVC1G32DSF2.B Product details

1 Features
1• Available in the Ultra-Small 0.64 mm2
Package (DPW) with 0.5-mm Pitch
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5-V
• Supports Down Translation to VCC
• Max tpd of 3.6 ns at 3.3-V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3-V
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• AV Receiver
• Blu-ray Player and Home Theater
• Digital Picture Frame (DPF)
• Embedded PC
• IP Phone: Wireless
• High-Speed Data Acquisition and Generation
• Motor Control: High-Voltage
• Optical Networking: Video Over Fiber and EPON
• Personal Navigation Device (GPS)
• Portable Media Player
• Private Branch Exchange (PBX)
• Server PSU
• SSD: Internal and External
• TV: LCD/Digital and High-Definition (HDTV)
• Telecom Shelter: Power Distribution Unit (PDU),
Power Monitoring Unit (PMU), Wireless Battery
Monitoring, Remote Electrical Tilt Unit (RET),
Remote Radio Unit (RRU), Tower Mounted
Amplifier (TMA)
• Video Conferencing: IP-Based HD
• Vector Signal Analyzer and Generator
• WiMAX and Wireless Infrastructure Equipment
• Wireless Headset, Keyboard, Mouse, and
Repeater

Y = A + B or Y = A • B
3 Description
This single 2-input positive-OR gate is designed for
1.65-V to 5.5-V VCC operation.
The SN74LVC1G32 device performs the Boolean
function in positive logic.
The CMOS device has high output drive while
maintaining low static power dissipation over a broad
VCC operating range.
The SN74LVC1G32 device is available in a variety of
packages, including the ultra-small DPW package
with a body size of 0.8 × 0.8 mm.




Similar Part No. - SN74LVC1G32DSF2.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 39P
Single 2-Input Positive-OR Gate
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
2Mb / 49P
Single 2-Input Positive-OR Gate
More results


Similar Description - SN74LVC1G32DSF2.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74AUP1G32 DIODES-74AUP1G32 Datasheet
188Kb / 11P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 1
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 8
logo
Texas Instruments
SN74LVC1G32-Q1 TI1-SN74LVC1G32-Q1_V01 Datasheet
1,023Kb / 23P
SN74LVC1G32-Q1 Single 2-input positive-OR gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com