Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75DP139 Datasheet (PDF) - Texas Instruments

SN75DP139 Datasheet PDF - Texas Instruments
Part # SN75DP139
Download  SN75DP139 Download
File Size   2579.77 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN75DP139 DisplayPort to TMDS Level-Shifting Re-Driver

SN75DP139 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75DP139 Datasheet PDF - Texas Instruments

Part # SN75DP139
Download  SN75DP139 Click to download

File Size   2579.77 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN75DP139 DisplayPort to TMDS Level-Shifting Re-Driver

SN75DP139 Datasheet (HTML) - Texas Instruments


SN75DP139 Product details

1 Features
1• DisplayPort Physical Layer Input Port to TMDS
Physical Layer Output Port
• Integrated TMDS Level-Shifting Re-driver With
Receiver Equalization
• Supports Data Rates up to 3.4 Gbps
• Achieves HDMI 1.4b Compliance
• 3D HDMI Support With TMDS Clock Rates up to
340 MHz
• 4k × 2k Operation (30 Hz, 24bpp)
• Deep Color Supporting 36bpp
• Integrated I2C Logic Block for DVI/HDMI
Connector Recognition
• Integrated Active I2C Buffer
• Enhanced ESD: 10 kV on All Pins
• Enhanced Commercial Temperature Range: 0°C
to 85°C
• 48-Pin 7-mm × 7-mm VQFN (RGZ) Package
• 40-Pin 5-mm × 5-mm WQFN (RSB) Package

2 Applications
• Personal Computer Market
– DP/TMDS Dongle
– Desktop PC
– Notebook PC
– Docking Station
– Stand-Alone Video Card

3 Description
The SN75DP139 is a dual-mode DisplayPort input to
Transition-Minimized Differential Signaling (TMDS)
output. The TMDS output has a built-in level-shifting
re-driver supporting Digital Video Interface (DVI) 1.0
and High Definition Multimedia Interface (HDMI) 1.4b
standards. The SN75DP139 is specified up to a
maximum data rate of 3.4 Gbps, supporting
resolutions greater then 1920 × 1200 or HDTV 12-bit
color depth at 1080p (progressive scan). The
SN75DP139 is compliant with the HDMI 1.4b
specifications and supports optional protocol
enhancements such as 3D graphics at resolutions
demanding a pixel rate up to 340 MHz.




Similar Part No. - SN75DP139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
DisplayPort to TMDS Translator
SN75DP139 TI1-SN75DP139 Datasheet
1Mb / 43P
DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZR TI-SN75DP139RGZR Datasheet
969Kb / 32P
DisplayPort to TMDS Translator
SN75DP139RGZR TI1-SN75DP139RGZR Datasheet
1Mb / 43P
DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZT TI-SN75DP139RGZT Datasheet
969Kb / 32P
DisplayPort to TMDS Translator
More results


Similar Description - SN75DP139

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
logo
Texas Instruments
SN75DP129 TI-SN75DP129 Datasheet
881Kb / 28P
DisplayPort to TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
DisplayPort to TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
DisplayPort??1:2 Re-Driver Switch with TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
DisplayPort 1:2 Switch With Integrated TMDS Translator
logo
Bruckewell Technology L...
MS90N06 BWTECH-MS90N06 Datasheet
485Kb / 6P
Level Shifting and Driver Circuits
logo
Texas Instruments
SN75DP139 TI1-SN75DP139_15 Datasheet
1Mb / 43P
DisplayPort to TMDS Level-Shifting Re-Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-077L AVAGO-ACPL-077L Datasheet
354Kb / 10P
Allow level shifting functionality
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com