Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75DP130SSRGZRG4 Datasheet (PDF) - Texas Instruments

SN75DP130SSRGZRG4 Datasheet PDF - Texas Instruments
Part # SN75DP130SSRGZRG4
Download  SN75DP130SSRGZRG4 Download
File Size   5375.45 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN75DP130 DisplayPort™ 1:1 Redriver With Link Training

SN75DP130SSRGZRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75DP130SSRGZRG4 Datasheet PDF - Texas Instruments

Part # SN75DP130SSRGZRG4
Download  SN75DP130SSRGZRG4 Click to download

File Size   5375.45 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN75DP130 DisplayPort™ 1:1 Redriver With Link Training

SN75DP130SSRGZRG4 Datasheet (HTML) - Texas Instruments


SN75DP130SSRGZRG4 Product details

1 Features
1• Supports DP v1.1a and DP v1.2 Signaling
Including HBR2 Data Rates to 5.4 Gbps
• Supports HDMI 1.4b With TMDS Clock
Frequencies up to 340 MHz
• Glueless Interface to AMD, Intel, and NVIDIA
Graphics Processors
• Auto-Configuration Through Link Training
• Output Signal Conditioning With Tunable Voltage
Swing and Pre-Emphasis Gain
• Highly Configurable Input Variable Equalizer
• Two Device Options Including a Dual Power
Supply Configuration for Lowest Power
• 2-kV ESD HBM Protection pre•
Temperature Range: 0°C to 85°C
• 48-Pin 7-mm × 7-mm VQFN Package

2 Applications
• Notebook PCs
• Desktop PCs
• PC Docking Stations
• PC Standalone Video Cards

3 Description
The SN75DP130 device is a single channel
DisplayPort™ (DP) re-driver that regenerates the DP
high-speed digital link. The device complies with the
VESA DisplayPort Standard Version 1.2, and
supports a 4-lane Main Link interface signaling up to
HBR2 rates at 5.4 Gbps per lane. This device also
supports DP++ Dual-Mode, offering TMDS signaling
for DVI and full HDMI Version 1.4a support.
The device compensates for PCB-related frequency
loss and switching-related loss to provide the
optimum DP electrical performance from source to sink. The Main Link signal inputs feature configurable
equalizers with selectable boost settings. At the Main
Link output, four primary levels of differential output
voltage swing (VOD) and four primary levels of pre•
emphasis are available. A secondary level of boost adjustment, programmed through I2C, for fine-tuning
the Main Link output. The device can monitor the
AUX channel and automatically adjust the output
signaling levels and input equalizers in response to
Link Training commands. Additionally, the SN75DP130 output signal conditioning and EQ
parameters are fully programmable through the I2C
interface.




Similar Part No. - SN75DP130SSRGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP130SSRGZR TI1-SN75DP130SSRGZR Datasheet
2Mb / 31P
DisplayPort1:1 Re-Driver with Link Training
APRIL2011
More results


Similar Description - SN75DP130SSRGZRG4

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI101 PERICOM-PI3HDMI101 Datasheet
491Kb / 12P
1:1 Active HDMITM Redriver with Optimized Equalization & I2C Buffer
logo
Texas Instruments
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
DisplayPort 1:1 Repeater
SN75DP118 TI-SN75DP118_1 Datasheet
717Kb / 18P
DisplayPort 1:1 Repeater
SN75DP120 TI-SN75DP120 Datasheet
1Mb / 27P
DisplayPort 1:1 Dual-Mode Repeater
SN75DP130 TI1-SN75DP130 Datasheet
2Mb / 31P
DisplayPort1:1 Re-Driver with Link Training
APRIL2011
logo
Pericom Semiconductor C...
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
logo
Kinetic Technologies.
MCDP6150 KINETIC-MCDP6150 Datasheet
220Kb / 5P
DisplayPort 1.4a Link Training Tunable PHY Retimer
June 2021 - Revision 03g
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com