Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4190 Datasheet (PDF) - Texas Instruments

SRC4190 Datasheet PDF - Texas Instruments
Part # SRC4190
Download  SRC4190 Download
File Size   1668.86 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SRC4190 192-kHz Stereo Asynchronous Sample-Rate Converters

SRC4190 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRC4190 Datasheet PDF - Texas Instruments

Part # SRC4190
Download  SRC4190 Click to download

File Size   1668.86 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SRC4190 192-kHz Stereo Asynchronous Sample-Rate Converters

SRC4190 Datasheet (HTML) - Texas Instruments


SRC4190 Product details

1 Features
1• Automatic Sensing of the Input-to-Output
Sampling Ratio
• Wide Input-to-Output Sampling Range:
16:1 to 1:16
• Supports Input and Output Sampling Rates
up to 212 kHz
• Dynamic Range: 128 dB (–60-dB fS Input,
BW = 20 Hz to fS / 2, A-Weighted)
• THD+N: –125 dB (0-dB fS Input,
BW = 20 Hz to fS / 2)
• Attenuates Sampling and Reference Clock Jitter
• High-Performance, Linear Phase Digital Filtering
• Flexible Audio Serial Ports:
– Master or Slave Mode Operation Supports I2S,
Left Justified, Right Justified, and TDM Data
Formats
– Supports 16-, 18-, 20-, or 24-Bit Audio Data,
TDM Mode Allows Daisy Chaining of up to
Eight Devices
• Supports 24-, 20-, 18-, or 16-Bit Input and Output
– All Output Data is Dithered from the Internal
28-Bit Data Path
• Low Group Delay Option for Interpolation Filter
• Soft Mute Function
• Bypass Mode
• Power-Down Mode
• Operates from a Single 3.3-V Power Supply
• Small 28-Pin SSOP Package
• Pin Compatible With the SRC4192, AD1895, and
AD1896

2 Applications
• Digital Mixing Consoles
• Digital Audio Workstations
• Audio Distribution Systems
• Broadcast Studio Equipment
• High-End A/V Receivers
• General Digital Audio Processing

3 Description
The SRC4190 device is an asynchronous sample
rate converter designed for professional and
broadcast audio applications. The SRC4190
combines a wide input-to-output sampling ratio with
outstanding dynamic range and low distortion. Input
and output serial ports support standard audio
formats, as well as a Time Division Multiplexed
(TDM) mode. Flexible audio interfaces allow the
SRC4190 to connect to a wide range of audio data
converters, digital audio receivers and transmitters,
and digital signal processors.
The SRC4190 is a standalone pin-programmed
device, with control pins for mode, data format, mute,
bypass, and low group delay functions.
The SRC4190 may be operated from a single 3.3-V
power supply. A separate digital I/O supply (VIO)
operates with a 1.65-V to 3.6-V supply, allowing
greater flexibility when interfacing to current and
future generation signal processors and logic devices.
The SRC4190 is available in a 28-pin SSOP
package.




Similar Part No. - SRC4190

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4190 TI1-SRC4190 Datasheet
1Mb / 29P
192kHz Stereo Asynchronous Sample Rate Converters
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192kHz Stereo Asynchronous Sample Rate Converters
More results


Similar Description - SRC4190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
9/02-Data Sheet changed from REV. A to REV. B.
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
192-kHz Stereo Asynchronous Sample-Rate Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com