Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4382 Datasheet (PDF) - Texas Instruments

SRC4382 Datasheet PDF - Texas Instruments
Part # SRC4382
Download  SRC4382 Download
File Size   1219.24 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter

SRC4382 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRC4382 Datasheet PDF - Texas Instruments

Part # SRC4382
Download  SRC4382 Click to download

File Size   1219.24 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter

SRC4382 Datasheet (HTML) - Texas Instruments


SRC4382 Product details

1FEATURES
234· Two-Channel Asynchronous Sample Rate
Converter (SRC)
– Dynamic Range with –60dB Input
(A-Weighted): 128dB typical
– Total Harmonic Distortion and Noise
(THD+N) with Full-Scale Input: –125dB
typical
– Supports Audio Input and Output Data
Word Lengths Up to 24 Bits
– Supports Input and Output Sampling
Frequencies Up to 216kHz
– Automatic Detection of the Input-to-Output
Sampling Ratio
– Wide Input-to-Output Conversion Range:
16:1 to 1:16 Continuous
– Excellent Jitter Attenuation Characteristics
– Digital De-Emphasis Filtering for 32kHz,
44.1kHz, and 48kHz Input Sampling Rates
– Digital Output Attenuation and Mute
Functions
– Output Word Length Reduction
– Status Registers and Interrupt Generation
for Sampling Ratio and Ready Flags
· Digital Audio Interface Transmitter (DIT)
– Supports Sampling Rates Up to 216kHz
– Includes Differential Line Driver and
CMOS Buffered Outputs
– Block-Sized Data Buffers for Both Channel
Status and User Data
– Status Registers and Interrupt Generation
for Flag and Error Conditions
· User-Selectable Serial Host Interface: SPI or
Philips I2C™
– Provides Access to On-Chip Registers and
Data Buffers
· Digital Audio Interface Receiver (DIR)
– PLL Lock Range Includes Sampling Rates
from 20kHz to 216kHz
– Includes Four Differential Input Line
Receivers and an Input Multiplexer
– Bypass Multiplexer Routes Line Receiver
Outputs to Line Driver and Buffer Outputs
– Block-Sized Data Buffers for Both Channel
Status and User Data
– Automatic Detection of Non-PCM Audio
Streams (DTS CD/LD and IEC 61937
formats)
– Audio CD Q-Channel Sub-Code Decoding
and Data Buffer
– Status Registers and Interrupt Generation
for Flag and Error Conditions
– Low Jitter Recovered Clock Output
· Two Audio Serial Ports (Ports A and B)
– Synchronous Serial Interface to External
Signal Processors, Data Converters, and
Logic
– Slave or Master Mode Operation with
Sampling Rates up to 216kHz
– Supports Left-Justified, Right-Justified, and
Philips I2S™ Data Formats
– Supports Audio Data Word Lengths Up to
24 Bits
· Four General-Purpose Digital Outputs
– Multifunction Programmable Via Control
Registers
· Extensive Power-Down Support
– Functional Blocks May Be Disabled
Individually When Not In Use
· Operates From +1.8V Core and +3.3V I/O
Power Supplies
· Small TQFP-48 Package, Compatible with the
SRC4392 and DIX4192

APPLICATIONS
· DIGITAL AUDIO RECORDERS AND
MIXING DESKS
· DIGITAL AUDIO INTERFACES FOR
COMPUTERS
· DIGITAL AUDIO ROUTERS AND
DISTRIBUTION SYSTEMS
· BROADCAST STUDIO EQUIPMENT
· DVD/CD RECORDERS
· SURROUND SOUND DECODERS AND
A/V RECEIVERS
· CAR AUDIO SYSTEMS

DESCRIPTION
The SRC4382 is a highly-integrated CMOS device
designed for use in professional and broadcast digital
audio systems. The SRC4382 combines a
high-performance, two-channel, asynchronous
sample rate converter (SRC) with a digital audio
interface receiver (DIR) and transmitter (DIT), two
audio serial ports, and flexible distribution logic for
interconnection of the function block data and clocks.
The DIR and DIT are compatible with the AES3,
S/PDIF, IEC 60958, and EIAJ CP-1201 interface
standards. The audio serial ports, DIT, and SRC may
be operated at sampling rates up to 216kHz. The DIR
lock range includes sampling rates from 20kHz to
216kHz.
The SRC4382 is configured using on-chip control
registers and data buffers, which are accessed
through either a 4-wire serial peripheral interface
(SPI) port, or a 2-wire Philips I2C bus interface.
Status registers provide access to a variety of flag
and error bits, which are derived from the various
function blocks. An open drain interrupt output pin is
provided, and is supported by flexible interrupt
reporting and mask options via control register
settings. A master reset input pin is provided for
initialization by a host processor or supervisory
functions.
The SRC4382 requires a +1.8V core logic supply, in
addition to a +3.3V supply for powering portions of
the DIR, DIT, and line driver and receiver functions. A
separate logic I/O supply supports operation from
+1.65V to +3.6V, providing compatibility with low
voltage logic interfaces typically found on digital
signal processors and programmable logic devices.
The SRC4382 is available in a lead-free, TQFP-48
package, and is pin- and register-compatible with the
Texas Instruments SRC4392 and DIX4192 products.




Similar Part No. - SRC4382

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382 Datasheet
1Mb / 84P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4382IPFB BURR-BROWN-SRC4382IPFB Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382IPFBG4 BURR-BROWN-SRC4382IPFBG4 Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382IPFBR BURR-BROWN-SRC4382IPFBR Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results


Similar Description - SRC4382

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com