Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV716 Datasheet (PDF) - Texas Instruments

TLV716 Datasheet PDF - Texas Instruments
Part # TLV716
Download  TLV716 Download
File Size   1269.62 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package

TLV716 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV716 Datasheet PDF - Texas Instruments

Part # TLV716
Download  TLV716 Click to download

File Size   1269.62 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package

TLV716 Datasheet (HTML) - Texas Instruments


TLV716 Product details

1 Features
1• No Input or Output Capacitors Required
• Inrush Current Control
• Low Crosstalk
• Accuracy: 1.5% (–40°C to 125°C
• Input Voltage Range: 1.4 V to 5.5 V
• Multiple Fixed-Output Voltage Combinations
Possible from 1 V to 3.3 V
• Foldback Current Limit Protection
• Package: 1.2-mm × 1.2-mm SON-6 (DPQ)

2 Applications
• Wireless Handsets, Smart Phones, Tablets
• Set-Top Boxes (STBs), Cameras, Modems
• Portable Battery-Powered Products

3 Description
The TLV716 is a family of dual-channel, capacitor-
free,150-mA, low-dropout (LDO) voltage regulators with multiple fixed-output options available from 1 V
to 3.3 V. These devices provide an initial 1%
accuracy and 1.5% accuracy overtemperature.
The TLV716 family is designed to be stable with or
without an input or output capacitor. Eliminating the
output capacitor allows for a very small solution size.
The TLV716P series provides an active pulldown circuit to quickly discharge the output voltage if the
application requires an output capacitor.
The device provides inrush current control during device power up and enabling. Inrush control
provides constant-current charging of the output load
during start-up, thereby reducing the risk of an
undesired overcurrent fault from the input supply or battery.
The TLV716 family is available in a 1.2-mm × 1.2-mm
SON-6 package and is ideal for space-constrained
applications.




Similar Part No. - TLV716

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV716 TI-TLV716 Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TLV716120275PDPQR TI-TLV716120275PDPQR Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TLV716120275PDPQT TI-TLV716120275PDPQT Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TLV7162818PDPQR TI-TLV7162818PDPQR Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TLV7162818PDPQT TI-TLV7162818PDPQT Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
More results


Similar Description - TLV716

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
logo
Texas Instruments
TLV7163030PDPQT TI-TLV7163030PDPQT Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
Capacitor-Free, 150-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
Texas Instruments
TLV733P TI-TLV733P Datasheet
1Mb / 34P
TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TPS61170-Q1 TI-TPS61170-Q1_15 Datasheet
1Mb / 30P
TPS61170-Q1 1.2-A High-Voltage Boost Converter in 2-mm 횞 2-mm SON Package
TLV716 TI-TLV716_15 Datasheet
1,022Kb / 21P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
LP2967 TI1-LP2967 Datasheet
1Mb / 20P
Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com