Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1T45-EP Datasheet (PDF) - Texas Instruments

SN74LVC1T45-EP Datasheet PDF - Texas Instruments
Part # SN74LVC1T45-EP
Download  SN74LVC1T45-EP Download
File Size   1609.69 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs

SN74LVC1T45-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1T45-EP Datasheet PDF - Texas Instruments

Part # SN74LVC1T45-EP
Download  SN74LVC1T45-EP Click to download

File Size   1609.69 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs

SN74LVC1T45-EP Datasheet (HTML) - Texas Instruments


SN74LVC1T45-EP Product details

1 Features
• ESD protection exceeds JESD 22:
– 2000V Human-Body Model (A114-A)
– 200V Machine Model (A115-A)
– 1000V Charged-Device Model (C101)
• Available in the Texas Instruments NanoFree™
package
• Fully configurable dual-rail design allows each port
to operate over the full 1.65V to 5.5V power-supply
range
• VCC isolation feature – if either VCC input is at
GND, both ports are in the high-impedance state
• DIR input circuit referenced to VCCA
• Low power consumption, 4μA maximum ICC
• ±24mA output drive at 3.3V
• Ioff supports partial-power-down mode operation
• Maximum data rates
– 420Mbps (3.3V to 5V translation)
– 210Mbps (translate to 3.3V)
– 140Mbps (translate to 2.5V)
– 75Mbps (translate to 1.8V)
• Latch-up performance exceeds 100mA per JESD
78, Class II

2 Applications
• Personal electronic
• Industrial
• Enterprise
• Telecom

3 Description
This single-bit noninverting bus transceiver uses two
separate configurable power-supply rails. The A port
is designed to track VCCA. VCCA accepts any supply
voltage from 1.65V to 5.5V. The B port is designed
to track VCCB. VCCB accepts any supply voltage from
1.65V to 5.5V. This allows for universal low-voltage
bidirectional translation between any of the 1.8V, 2.5V,
3.3V, and 5V voltage nodes.
The SN74LVC1T45 is designed for asynchronous
communication between two data buses. The logic
levels of the direction-control (DIR) input activate
either the B-port outputs or the A-port outputs. The
device transmits data from the A bus to the B bus
when the B-port outputs are activated and from the
B bus to the A bus when the A-port outputs are
activated. The input circuitry is always active on both
A and B ports and must have a logic HIGH or LOW
level applied to prevent excess ICC and ICCZ.
The SN74LVC1T45 is designed so that the DIR input
is powered by VCCA. This device is fully specified
for partial-power-down applications using Ioff. The Ioff
circuitry disables the outputs, preventing damaging
current backflow through the device when it is
powered down. The VCC isolation feature is designed
so that if either VCC input is at GND, then both ports
are in the high-impedance state.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.




Similar Part No. - SN74LVC1T45-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45-EP TI-SN74LVC1T45-EP Datasheet
421Kb / 20P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-EP TI2-SN74LVC1T45-EP Datasheet
946Kb / 25P
SN74LVC1T45-Q1 Automotive 1.65V to 5.5V Single-Bit Dual-Supply Level Shifter
REVISED JUNE 2024
More results


Similar Description - SN74LVC1T45-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
379Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45 Datasheet
473Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_07 Datasheet
466Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_08 Datasheet
612Kb / 24P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_08 Datasheet
601Kb / 24P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-EP TI-SN74LVC1T45-EP Datasheet
421Kb / 20P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_09 Datasheet
831Kb / 25P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_10 Datasheet
863Kb / 26P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_10 Datasheet
832Kb / 25P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com