Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040AELT-4.1 Datasheet (PDF) - STMicroelectronics

LM4040AELT-4.1 Datasheet PDF - STMicroelectronics
Part # LM4040AELT-4.1
Download  LM4040AELT-4.1 Download
File Size   1107.53 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Precision micropower shunt voltage reference

LM4040AELT-4.1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4040AELT-4.1 Datasheet PDF - STMicroelectronics

Part # LM4040AELT-4.1
Download  LM4040AELT-4.1 Click to download

File Size   1107.53 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Precision micropower shunt voltage reference

LM4040AELT-4.1 Datasheet (HTML) - STMicroelectronics


LM4040AELT-4.1 Product details

Features
• Fixed 2.048 V, 2.5 V, 3.0 V, 4.096 V and 5.0 V output voltages
• Ultra low operating current: 10 μA at 25 °C
• High precision @ 25 °C: +/- 0.1% (LM4040A), +/- 0.2% (LM4040B), +/- 0.5 % (LM4040C), +/- 1% (LM4040D)
• Very low LF noise: typ.10 μ Vp-p
• Stable when used with capacitive loads
• Industrial (-40 to +125 °C) temperature range
• 70 ppm/°C max. temperature coefficient
• Available in SOT23-3L and SOT323-5L packages

Applications
• Portable, battery-operated equipment
• Data acquisition systems
• Instrumentation

Description
The LM4040 is a low power and high accuracy shunt voltage reference providing a stable output voltage over the industrial temperature range (-40 to +125 °C), with a maximum temperature coefficient of 70 ppm/°C. It is available in 0.1%, 0.2%, 0.5% and 1% initial accuracy versions. The SOT323-5L and SOT23-3L packages can be designed in applications where space saving is a critical issue. The very low operating current is a key advantage for power restricted designs. The LM4040 is very stable and can be used in a broad range of application conditions.




Similar Part No. - LM4040AELT-4.1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4040AEM3-5.0+T MAXIM-LM4040AEM3-5.0+T Datasheet
1Mb / 17P
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
LM4040AEM3-5.0/V+T MAXIM-LM4040AEM3-5.0/V+T Datasheet
1Mb / 17P
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
LM4040AEX3-5.0+T MAXIM-LM4040AEX3-5.0+T Datasheet
1Mb / 17P
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
More results


Similar Description - LM4040AELT-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com