Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV751 Datasheet (PDF) - Texas Instruments

TLV751 Datasheet PDF - Texas Instruments
Part # TLV751
Download  TLV751 Download
File Size   2238.38 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package

TLV751 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV751 Datasheet PDF - Texas Instruments

Part # TLV751
Download  TLV751 Click to download

File Size   2238.38 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package

TLV751 Datasheet (HTML) - Texas Instruments


TLV751 Product details

1 Features
1• Input voltage range: 1.5 V to 6.0 V
• Output voltage range:
– Adjustable option: 0.55 V to 5.5 V
– Fixed option: 0.65 V to 5.0 V
• Low dropout:
– 130 mV (max) at 500 mA (3.3 VOUT)
• High output accuracy: 1.5% (maximum over
temperature)
• IQ: 25 μA (typical)
• Built-in soft-start with monotonic VOUT rise
• Package:
– 2-mm × 2-mm WSON-10 (DSQ)
• Active output discharge

2 Applications
• Microservers and tower servers
• Door and window sensors
• Portable point-of-sale (EPOS)
• Wearable fitness and activity monitors
• Scanners
• Wi-Fi access points
• Communication modules

3 Description
The TLV751 is a dual, adjustable, 500-mA lowdropout
(LDO) regulator. This device is available in a
small, 10-pin, 2-mm × 2-mm WSON package and
consumes 25-μA quiescent current while providing
fast line and load transient response. The TLV751
features an low dropout of 130 mV that can help
improve the overall power efficiency.
The TLV751 wide input-and-output voltage ranges,
when combined with its output current capability in a
small printed circuit board (PCB) footprint help
support a wide variety of applications from sensor
supplies, to auxiliary rails, and modern
microcontrollers with lower core voltages.
The TLV751 is stable with small ceramic output
capacitors, allowing for a small overall solution size.
A precision band-gap and error amplifier provides
high accuracy of 1.5% (max) over temperature. This
device includes integrated thermal shutdown, current
limit, active output-discharge, and undervoltage
lockout (UVLO) features. The TLV751 has an internal
fold-back current-limit to reduce thermal dissipation
during short-circuit events.




Similar Part No. - TLV751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV751 TI1-TLV751 Datasheet
2Mb / 29P
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV751 TI1-TLV751 Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
TLV75101PDSQR TI1-TLV75101PDSQR Datasheet
2Mb / 29P
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV75101PDSQR TI1-TLV75101PDSQR Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
TLV75101PDSQT TI1-TLV75101PDSQT Datasheet
2Mb / 29P
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
More results


Similar Description - TLV751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P_19 Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV758P_1903 TI1-TLV758P_1903 Datasheet
3Mb / 35P
500-mA, high-accuracy, adjustable LDO in a small size package
TPS745-Q1 TI1-TPS745-Q1 Datasheet
2Mb / 29P
TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TLV751 TI1-TLV751 Datasheet
2Mb / 29P
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV751 TI1-TLV751_V01 Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com