Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28063 Datasheet (PDF) - Texas Instruments

UCC28063 Datasheet PDF - Texas Instruments
Part # UCC28063
Download  UCC28063 Download
File Size   1763.48 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28063 Natural Interleaving™ Transition-Mode PFC Controller With Improved Audible Noise Immunity

UCC28063 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28063 Datasheet PDF - Texas Instruments

Part # UCC28063
Download  UCC28063 Click to download

File Size   1763.48 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28063 Natural Interleaving™ Transition-Mode PFC Controller With Improved Audible Noise Immunity

UCC28063 Datasheet (HTML) - Texas Instruments


UCC28063 Product details

1 Features
• Input filter and output capacitor ripple-current
cancellation
– Reduced current ripple for higher system
reliability and smaller bulk capacitor
– Reduced EMI filter size
• Phase management capability
• Fail-safe OVP with dual paths prevents output
overvoltage conditions by voltage-sensing failures
• Sensorless current-shaping simplifies board layout
and improves efficiency
• Advanced audible noise performance
• Non-linear error-amplifier gain
• Soft recovery on overvoltage
• Integrated brownout and dropout handling
• Reduced bias currents
• Improved efficiency and design flexibility over
traditional single-phase continuous conduction
mode (CCM)
• Inrush-safe current limiting:
– Prevents MOSFET conduction during inrush
– Eliminates reverse recovery events in output
rectifiers
• Enables use of low-cost diodes without extensive
snubber circuitry
• Improved light-load efficiency
• Fast, smooth transient response
• Expanded system-level protections
• 1A Source/1.8A sink gate drivers
• –40°C to 125°C Operating Temperature Range in
a 16-Lead SOIC Package

2 Applications
• 100-W to 800-W power supplies
• Gaming
• D-to-A set-top boxes
• Adapters
• LCD, Plasma and DLP™ TVs
• Home audio systems

3 Description
Optimized for consumer applications concerned with
audible noise elimination, this solution extends the
advantages of transition mode – high efficiency
with low-cost components – to higher power ratings
than previously possible. By utilizing a Natural
Interleaving™ technique, both channels operate
as masters (that is, there is no slave channel)
synchronized to the same frequency. This approach
delivers inherently strong matching, faster responses,
and ensures that each channel operates in transition
mode.
Expanded system level protections feature input
brownout and dropout recovery, output over-voltage,
open-loop, overload, soft-start, phase-fail detection,
and thermal shutdown. The additional FailSafe
over-voltage protection (OVP) feature protects
against shorts to an intermediate voltage that,
if undetected, could lead to catastrophic device
failure. Advanced non-linear gain results in rapid,
yet smoother response to line and load transient
events. Reduced bias currents improve stand-by
power efficiency. Special line-dropout handling avoids
significant current disruption and minimizes audiblenoise
generation.




Similar Part No. - UCC28063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28063 TI-UCC28063 Datasheet
1Mb / 46P
Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
UCC28063 TI-UCC28063 Datasheet
1Mb / 44P
Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063A TI-UCC28063A Datasheet
1Mb / 46P
Natural Interleaving Transition-Mode PFC Controller With Improved Audible and Input Surge Noise Immunity
UCC28063AD TI-UCC28063AD Datasheet
1Mb / 46P
Natural Interleaving Transition-Mode PFC Controller With Improved Audible and Input Surge Noise Immunity
UCC28063ADR TI-UCC28063ADR Datasheet
1Mb / 46P
Natural Interleaving Transition-Mode PFC Controller With Improved Audible and Input Surge Noise Immunity
More results


Similar Description - UCC28063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28061 TI-UCC28061 Datasheet
709Kb / 31P
Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_1 Datasheet
987Kb / 34P
Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063 TI-UCC28063 Datasheet
1Mb / 46P
Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
UCC28061-Q1 TI1-UCC28061-Q1 Datasheet
982Kb / 34P
Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061DR TI1-UCC28061DR Datasheet
864Kb / 35P
Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise
UCC28060 TI-UCC28060_15 Datasheet
1Mb / 37P
Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28061 TI-UCC28061_15 Datasheet
771Kb / 36P
Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063 TI-UCC28063_15 Datasheet
1Mb / 44P
Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063A TI-UCC28063A_15 Datasheet
1Mb / 46P
Natural Interleaving Transition-Mode PFC Controller With Improved Audible and Input Surge Noise Immunity
UCC28064 TI1-UCC28064 Datasheet
1Mb / 49P
Natural Interleaving Transition-Mode PFC Controller with Improved Light-Load Efficiency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com