Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28070A Datasheet (PDF) - Texas Instruments

UCC28070A Datasheet PDF - Texas Instruments
Part # UCC28070A
Download  UCC28070A Download
File Size   1944.48 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28070 and UCC28070A Extended Frequency Range (10kHz to 300kHz), Interleaving Continuous Conduction Mode PFC Controller

UCC28070A Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28070A Datasheet PDF - Texas Instruments

Part # UCC28070A
Download  UCC28070A Click to download

File Size   1944.48 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28070 and UCC28070A Extended Frequency Range (10kHz to 300kHz), Interleaving Continuous Conduction Mode PFC Controller

UCC28070A Datasheet (HTML) - Texas Instruments


UCC28070A Product details

1 Features
• Interleaved average current-mode PWM control
with inherent current matching
• Advanced current-synthesizer current sensing for
superior efficiency
• Synchronization capability to external clock
• Highly-linear multiplier output with internal
quantized voltage feed-forward for near-unity PF
• Enhanced transient response through slew-rate
correction of voltage amplifier output current
• Extended-range programmable frequency
– UCC28070A: 10kHz to 300kHz
– UCC28070: 30kHz to 300kHz
• Programmable maximum duty-cycle clamp
• Programmable frequency-dithering rate and
magnitude (up to 30kHz) for EMI reduction
• Programmable soft-start
• Programmable peak current limiting
• External PFC-disable interface
• Protections: bias-supply UVLO, output
overvoltage, open‑loop detection, open-circuit
detection on VSENSE and VINAC,
and PFC-enable monitoring

2 Applications
• PFC using IGBT, Si or GaN power switches
• Air Conditioners and major appliances
• Power Delivery, Telecom and server power
• TVs, desktops and professional audio
• EV charging infrastructure

3 Description
The UCC28070A and UCC28070 are advanced
power factor correction (PFC) controllers that
each integrate two pulse-width modulators (PWMs)
operating interleaved by 180° in CCM boost-mode.
Both devices can switch at frequencies up to 300kHz,
while the UCC28070A device is capable of operating
down to 10kHz for IGBT power-switch based PFC
converters in high-power applications. The minimum
operating frequency of the UCC28070 device is
limited to 30kHz.
The 180° out-of-phase interleaved operation
generates substantial reduction in input and output
ripple currents and conducted-EMI filtering becomes
easier and less expensive. All the other features and
benefits of the UCC28070A and UCC28070 devices
are the same.
Both devices feature multiple innovations including
current synthesis and quantized voltage feedforward
to promote performance enhancements in PF,
efficiency, THD, and transient response. In addition,
frequency dithering, clock synchronization, and slewrate
enhancement further expand the potential for
performance improvements. Also, protection features
include output overvoltage detection, programmable
peak-current limit, undervoltage lockout, and openloop
protection.




Similar Part No. - UCC28070A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070A TI1-UCC28070A Datasheet
1Mb / 43P
Extended Frequency Range (10 kHz to 300 kHz)
UCC28070APW TI1-UCC28070APW Datasheet
1Mb / 43P
Extended Frequency Range (10 kHz to 300 kHz)
UCC28070APW TI1-UCC28070APW Datasheet
1Mb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
UCC28070APWR TI1-UCC28070APWR Datasheet
1Mb / 43P
Extended Frequency Range (10 kHz to 300 kHz)
UCC28070APWR TI1-UCC28070APWR Datasheet
1Mb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
More results


Similar Description - UCC28070A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
logo
Texas Instruments
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070A TI1-UCC28070A_12 Datasheet
1Mb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
Interleaving Continuous Conduction Mode PFC Controller
UCC28070A TI-UCC28070A_15 Datasheet
988Kb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com