Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28950 Datasheet (PDF) - Texas Instruments

UCC28950 Datasheet PDF - Texas Instruments
Part # UCC28950
Download  UCC28950 Download
File Size   2766.13 Kbytes
Page   80 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2895x Phase-Shifted Full-Bridge Controller for Wide-Input Voltage Range Applications

UCC28950 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28950 Datasheet PDF - Texas Instruments

Part # UCC28950
Download  UCC28950 Click to download

File Size   2766.13 Kbytes
Page   80 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2895x Phase-Shifted Full-Bridge Controller for Wide-Input Voltage Range Applications

UCC28950 Datasheet (HTML) - Texas Instruments


UCC28950 Product details

1 Features
• Enhanced zero-voltage switching (ZVS) range
• Direct synchronous rectifier (SR) control
• Light-load efficiency management including:
– Burst mode operation
– Discontinuous conduction mode (DCM),
dynamic SR on/off control
• Average- or peak-current mode control with
programmable slope compensation and voltagemode
control
• Closed-loop soft-start and enable function
• Programmable switching frequency up to 1 MHz
with bidirectional synchronization
• (±3%) cycle-by-cycle current limit protection with
hiccup mode support
• 150μA start-up current
• VDD undervoltage lockout
• Wide temperature range: –40°C to +125°C

2 Applications
• Phase-shifted full-bridge converters
• Server power supply
• Industrial power systems
• High-density power architectures

3 Description
The UCC28951 controller is an enhanced version
of the UCC28950. It is a fully compatible drop-in
replacement for the UCC28950. The UCC2895x
devices use advanced control of the full-bridge in
addition to active control of the synchronous rectifier
(SR) output stage.
ZVS operation ensured over a wide range of
operating conditions, while the load current naturally
tunes the switching delays of the secondaryside
synchronous rectifiers(SR). This functionality
maximizes overall system efficiency.
Easily get started with the UCC2895x 600W phase
shifted full bridge design review/application note,
SLUA560
The 24-pin, TSSOP package complies with RoHS
requirements.




Similar Part No. - UCC28950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
774Kb / 45P
Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
838Kb / 46P
Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
467Kb / 42P
Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results


Similar Description - UCC28950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
Phase-Shifted Full-Bridge Controller With Synchronous Rectification
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
Green Phase-Shifted Full-Bridge Controller
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
Phase-Shifted Full-Bridge Controller
UCC28951 TI1-UCC28951 Datasheet
2Mb / 74P
Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com